Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE210 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJE210
Description  Complementary Silicon Power Plastic Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE210 Datasheet(HTML) 2 Page - ON Semiconductor

  MJE210 Datasheet HTML 1Page - ON Semiconductor MJE210 Datasheet HTML 2Page - ON Semiconductor MJE210 Datasheet HTML 3Page - ON Semiconductor MJE210 Datasheet HTML 4Page - ON Semiconductor MJE210 Datasheet HTML 5Page - ON Semiconductor MJE210 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MJE200 - NPN,
MJE210 - PNP
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector-Emitter Sustaining Voltage (Note 1)
(IC = 10 mAdc, IB = 0)
VCEO(sus)
25
-
Vdc
Collector Cutoff Current
(VCB = 40 Vdc, IE = 0)
(VCB = 40 Vdc, IE = 0, TJ = 125_C)
ICBO
-
-
100
100
nAdc
mAdc
Emitter Cutoff Current
(VBE = 8.0 Vdc, IC = 0)
IEBO
-
100
nAdc
ON CHARACTERISTICS
DC Current Gain (Note 1)
(IC = 500 mAdc, VCE = 1.0 Vdc)
(IC = 2.0 Adc, VCE = 1.0 Vdc)
(IC = 5.0 Adc, VCE = 2.0 Vdc)
hFE
70
45
10
-
180
-
-
Collector-Emitter Saturation Voltage (Note 1)
(IC = 500 mAdc, IB = 50 mAdc)
(IC = 2.0 Adc, IB = 200 mAdc)
(IC = 5.0 Adc, IB = 1.0 Adc)
VCE(sat)
-
-
-
0.3
0.75
1.8
Vdc
Base-Emitter Saturation Voltage (Note 1)
(IC = 5.0 Adc, IB = 1.0 Adc)
VBE(sat)
-
2.5
Vdc
Base-Emitter On Voltage (Note 1)
(IC = 2.0 Adc, VCE = 1.0 Vdc)
VBE(on)
-
1.6
Vdc
DYNAMIC CHARACTERISTICS
Current-Gain - Bandwidth Product (Note 2)
(IC = 100 mAdc, VCE = 10 Vdc, ftest = 10 MHz)
fT
65
-
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
MJE200
MJE210
Cob
-
-
80
120
pF
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle [ 2.0%.
2. fT = ⎪hfe⎪• ftest.
16
20
Figure 1. Power Derating
T, TEMPERATURE (
°C)
0
40
60
100
120
160
12
1.6
0
1.2
8.0
0.8
4.0
0.4
80
140


Similar Part No. - MJE210

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE210 MOTOROLA-MJE210 Datasheet
255Kb / 6P
   5 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 25 VOLTS 15 WATTS
logo
ON Semiconductor
MJE210 ONSEMI-MJE210 Datasheet
255Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 7
logo
STMicroelectronics
MJE210 STMICROELECTRONICS-MJE210 Datasheet
63Kb / 4P
   SILICON PNP TRANSISTOR
logo
Samsung semiconductor
MJE210 SAMSUNG-MJE210 Datasheet
195Kb / 6P
   PNP (COLLECTOR-EMITTER SUSTAINING VOLTAGE LOW COLLECTOR-EMITTER)
logo
Fairchild Semiconductor
MJE210 FAIRCHILD-MJE210 Datasheet
41Kb / 4P
   Feature
More results

Similar Description - MJE210

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com