Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD340 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MJD340
Description  High Voltage Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD340 Datasheet(HTML) 3 Page - ON Semiconductor

  MJD340 Datasheet HTML 1Page - ON Semiconductor MJD340 Datasheet HTML 2Page - ON Semiconductor MJD340 Datasheet HTML 3Page - ON Semiconductor MJD340 Datasheet HTML 4Page - ON Semiconductor MJD340 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MJD340 (NPN) MJD350 (PNP)
http://onsemi.com
3
1
10
Figure 2. “On” Voltages
IC, COLLECTOR CURRENT (mA)
0
20
30
50
100
200
500
0.4
0.8
0.6
0.2
300
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = 10 V
IC/IB = 5
MJD340
1
5
0
7
10
20
30
100
200
0.8
0.6
50 70
300 500
0.4
0.2
1
200
5
Figure 3. DC Current Gain
IC, COLLECTOR CURRENT (mA)
10
7
10
20
30
100
200
Figure 4. “On” Voltages
IC, COLLECTOR CURRENT (mA)
100
70
20
50
70
TJ = 25°C
VBE(sat) @ IC/IB = 10
VBE @ VCE = 10 V
TJ = 150°C
25
°C
VCE = 2 V
VCC = 10 V
-55
°C
300
500
50
30
IC/IB = 10
IC/IB = 5
VCE(sat)
MJD350
MJD350
t, TIME (ms)
1
0.01
0.01
0.5
0.2
0.1
0.05
0.02
0.05
1
2
5
10
20
50
100
200
1 k
500
RqJC(t) = r(t) RqJC
RqJC = 8.33°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) - TC = P(pk) qJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.05
SINGLE PULSE
0.1
0.7
0.3
0.07
0.03
0.02
0.1
0.5
0.2
Figure 5. Thermal Response
0.03
0.3
3
30
300
0.01


Similar Part No. - MJD340

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD340 MOTOROLA-MJD340 Datasheet
194Kb / 4P
   SILICON POWER TRANSISTORS 0.5 AMPERE 300 VOLTS 15 WATTS
logo
ON Semiconductor
MJD340 ONSEMI-MJD340 Datasheet
194Kb / 4P
   SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
MJD340 STMICROELECTRONICS-MJD340 Datasheet
65Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
MJD340 FAIRCHILD-MJD340 Datasheet
37Kb / 4P
   High Voltage Power Transistors D-PAK for Surface Mount Applications
logo
STMicroelectronics
MJD340 STMICROELECTRONICS-MJD340 Datasheet
505Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - MJD340

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
BU126 BOCA-BU126 Datasheet
121Kb / 3P
   HIGH VOLTAGE POWER TRANSISTORS
logo
ON Semiconductor
MJD340 ONSEMI-MJD340_16 Datasheet
93Kb / 6P
   High Voltage Power Transistors
June, 2016 ??Rev. 12
MJD47 ONSEMI-MJD47_11 Datasheet
115Kb / 5P
   High Voltage Power Transistors
January, 2011 ??Rev. 10
NJVMJD50T4G ONSEMI-NJVMJD50T4G Datasheet
81Kb / 6P
   High Voltage Power Transistors
August, 2014 ??Rev. 15
logo
Boca Semiconductor Corp...
BU326 BOCA-BU326 Datasheet
129Kb / 3P
   HIGH VOLTAGE POWER TRANSISTORS
logo
Fairchild Semiconductor
MJD350TF FAIRCHILD-MJD350TF Datasheet
43Kb / 4P
   High Voltage Power Transistors
logo
ON Semiconductor
MJE2955T ONSEMI-MJE2955T_15 Datasheet
66Kb / 4P
   High Voltage Power Transistors
January, 2015 ??Rev. 12
MJD47 ONSEMI-MJD47_14 Datasheet
81Kb / 6P
   High Voltage Power Transistors
August, 2014 ??Rev. 15
MJE4343G ONSEMI-MJE4343G Datasheet
138Kb / 8P
   High-Voltage - High Power Transistors
May, 2012 ??Rev. 5
logo
TAITRON Components Inco...
TIP47 TAITRON-TIP47 Datasheet
179Kb / 4P
   NPN High Voltage Power Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com