Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJD45H11G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJD45H11G
Description  Complementary Power Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD45H11G Datasheet(HTML) 1 Page - ON Semiconductor

  MJD45H11G Datasheet HTML 1Page - ON Semiconductor MJD45H11G Datasheet HTML 2Page - ON Semiconductor MJD45H11G Datasheet HTML 3Page - ON Semiconductor MJD45H11G Datasheet HTML 4Page - ON Semiconductor MJD45H11G Datasheet HTML 5Page - ON Semiconductor MJD45H11G Datasheet HTML 6Page - ON Semiconductor MJD45H11G Datasheet HTML 7Page - ON Semiconductor MJD45H11G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2011
January, 2011 − Rev. 10
1
Publication Order Number:
MJD44H11/D
MJD44H11 (NPN)
MJD45H11 (PNP)
Complementary Power
Transistors
DPAK For Surface Mount Applications
Designed for general purpose power and switching such as output or
driver stages in applications such as switching regulators, converters,
and power amplifiers.
Features
Lead Formed for Surface Mount Application in Plastic Sleeves
(No Suffix)
Straight Lead Version in Plastic Sleeves (“−1” Suffix)
Electrically Similar to Popular D44H/D45H Series
Low Collector Emitter Saturation Voltage −
VCE(sat) = 1.0 Volt Max @ 8.0 Amperes
Fast Switching Speeds
Complementary Pairs Simplifies Designs
Epoxy Meets UL 94 V−0 @ 0.125 in
ESD Ratings: Human Body Model, 3B u 8000 V
Machine Model, C
u 400 V
These are Pb−Free Packages
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Collector−Emitter Voltage
VCEO
80
Vdc
Emitter−Base Voltage
VEB
5
Vdc
Collector Current
− Continuous
− Peak
IC
8
16
Adc
Total Power Dissipation
@ TC = 25°C
Derate above 25°C
PD
20
0.16
W
W/°C
Total Power Dissipation (Note 1)
@ TA = 25°C
Derate above 25°C
PD
1.75
0.014
W
W/°C
Operating and Storage Junction
Temperature Range
TJ, Tstg −55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
6.25
°C/W
Thermal Resistance, Junction−to−Ambient
(Note 1)
RqJA
71.4
°C/W
Lead Temperature for Soldering
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. These ratings are applicable when surface mounted on the minimum pad
sizes recommended.
SILICON
POWER TRANSISTORS
8 AMPERES
80 VOLTS, 20 WATTS
DPAK−3
CASE 369D
STYLE 1
DPAK
CASE 369C
STYLE 1
MARKING
DIAGRAMS
A
= Assembly Location
Y
= Year
WW
= Work Week
J4xH11 = Device Code
x = 4 or 5
G= Pb−Free Package
1 2
3
4
AYWW
J4
xH11G
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
1
2
3
4
AYWW
J4
xH11G
http://onsemi.com


Similar Part No. - MJD45H11G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD45H11G ONSEMI-MJD45H11G Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
MJD45H11G ONSEMI-MJD45H11G Datasheet
76Kb / 7P
   Complementary Power Transistors
January, 2006 ??Rev. 7
MJD45H11G ONSEMI-MJD45H11G Datasheet
132Kb / 9P
   Complementary Power Transistors
August, 2012 ??Rev. 14
MJD45H11G ONSEMI-MJD45H11G Datasheet
97Kb / 9P
   Complementary Power Transistors
September, 2016 ??Rev. 20
MJD45H11G ONSEMI-MJD45H11G Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
More results

Similar Description - MJD45H11G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
   Complementary power transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
   Complementary Power Transistors
February, 2011 ??Rev. 8
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
MJD2955 ONSEMI-MJD2955_13 Datasheet
138Kb / 7P
   Complementary Power Transistors
August, 2013 ??Rev. 13
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
MJD2955 ONSEMI-MJD2955 Datasheet
147Kb / 6P
   Complementary Power Transistors
1997 REV 2
MJD31 ONSEMI-MJD31_05 Datasheet
81Kb / 8P
   Complementary Power Transistors
June, 2005 ??Rev. 6
logo
List of Unclassifed Man...
2N6109 ETC2-2N6109 Datasheet
365Kb / 6P
   Complementary Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com