Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT72B25 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT72B25
Description  High PSRR 300mA LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT72B25 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT72B25 Datasheet HTML 5Page - Holtek Semiconductor Inc HT72B25 Datasheet HTML 6Page - Holtek Semiconductor Inc HT72B25 Datasheet HTML 7Page - Holtek Semiconductor Inc HT72B25 Datasheet HTML 8Page - Holtek Semiconductor Inc HT72B25 Datasheet HTML 9Page - Holtek Semiconductor Inc HT72B25 Datasheet HTML 10Page - Holtek Semiconductor Inc HT72B25 Datasheet HTML 11Page - Holtek Semiconductor Inc HT72B25 Datasheet HTML 12Page - Holtek Semiconductor Inc HT72B25 Datasheet HTML 13Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Rev. 1.00
9
August 24, 2011
HT72Bxx
Package Information
5-pin SOT23-5 Outline Dimensions
D
H
E
e
A2
b
A1
A
C
L
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.039
0.051
A1
0.004
A2
0.028
0.035
b
0.014
0.020
C
0.004
0.010
D
0.106
0.122
E
0.055
0.071
e
0.075
H
0.102
0.118
L
0.015
θ
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
1.00
1.30
A1
0.10
A2
0.70
0.90
b
0.35
0.50
C
0.10
0.25
D
2.70
3.10
E
1.40
1.80
e
1.90
H
2.60
3.0
L
0.37
θ


Similar Part No. - HT72B25

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7218 HOLTEK-HT7218 Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7225 HOLTEK-HT7225 Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7227 HOLTEK-HT7227 Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
HT7230 HOLTEK-HT7230 Datasheet
358Kb / 10P
   General Purpose Regulator
HT7230 HOLTEK-HT7230 Datasheet
128Kb / 12P
   300mA TinyPowerTM LDO
More results

Similar Description - HT72B25

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7M8218 PERICOM-PT7M8218 Datasheet
409Kb / 11P
   300mA, High PSRR, LDO Regulator
logo
Holtek Semiconductor In...
HT72D1518 HOLTEK-HT72D1518 Datasheet
6Mb / 14P
   High PSRR 300mA Dual LDO Regulator
logo
Pericom Semiconductor C...
PT7M8216 PERICOM-PT7M8216 Datasheet
369Kb / 11P
   300mA, High PSRR, Tiny package, LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1253 YOBON-YB1253 Datasheet
476Kb / 11P
   300mA, Low Power, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
   300mA Output,High PSRR,Low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com