Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ11028G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJ11028G
Description  High-Current Complementary Silicon Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ11028G Datasheet(HTML) 1 Page - ON Semiconductor

  MJ11028G Datasheet HTML 1Page - ON Semiconductor MJ11028G Datasheet HTML 2Page - ON Semiconductor MJ11028G Datasheet HTML 3Page - ON Semiconductor MJ11028G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2008
September, 2008 − Rev. 6
1
Publication Order Number:
MJ11028/D
MJ11028, MJ11030,
MJ11032 (NPN)
MJ11029, MJ11033 (PNP)
High-Current
Complementary Silicon
Power Transistors
High−Current Complementary Silicon Power Transistors are for use
as output devices in complementary general purpose amplifier
applications.
Features
High DC Current Gain − hFE = 1000 (Min) @ IC = 25 Adc
hFE = 400 (Min) @ IC = 50 Adc
Curves to 100 A (Pulsed)
Diode Protection to Rated IC
Monolithic Construction with Built−In Base−Emitter Shunt Resistor
Junction Temperature to +200_C
Pb−Free Packages are Available*
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
MJ11028/29
MJ11030
MJ11032/33
VCEO
60
90
120
Vdc
Collector−Base Voltage
MJ11028/29
MJ11030
MJ11032/33
VCBO
60
90
120
Vdc
Emitter−Base Voltage
VEBO
5.0
Vdc
Collector Current − Continuous
− Peak (Note 1)
IC
50
100
Adc
Base Current − Continuous
IB
2.0
Adc
Total Power Dissipation @ TC = 25°C
Derate Above 25°C @ TC = 100_C
PD
300
1.71
W
W/°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
− 55 to +200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Maximum Lead Temperature for
Soldering Purposes for v 10 seconds
TL
275
_C
Thermal Resistance, Junction−to−Case
RqJC
0.58
°C/W
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. Pulse Test: Pulse Width = 5 ms, Duty Cycle ≤ 10%.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
TO−204 (TO−3)
CASE 197A
STYLE 1
50 AMPERE
COMPLEMENTARY
DARLINGTON POWER
TRANSISTORS
60 − 120 VOLTS
300 WATTS
MARKING
DIAGRAM
MJ110xx = Device Code
xx = 28, 29, 30, 32, 33
G= Pb−Free Package
A
= Location Code
YY
= Year
WW
= Work Week
MEX
= Country of Orgin
http://onsemi.com
MJ110xxG
AYYWW
MEX
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
COLLECTOR
CASE
BASE
1
EMITTER 2
COLLECTOR
CASE
BASE
1
EMITTER 2
NPN
PNP
MJ11028
MJ11029
MJ11030
MJ11032
MJ11033
2
1


Similar Part No. - MJ11028G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ11028G ONSEMI-MJ11028G Datasheet
68Kb / 4P
   High?묬urrent Complementary Silicon Power Transistors
December, 2005 ??Rev. 5
More results

Similar Description - MJ11028G

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N5684 NJSEMI-2N5684 Datasheet
206Kb / 2P
   HIGH-CURRENT COMPLEMENTARY SILICON POWER TRANSISTORS
MJ11028 NJSEMI-MJ11028 Datasheet
84Kb / 2P
   High-Current Complementary Silicon Power Transistors
logo
ON Semiconductor
2N5684 ONSEMI-2N5684 Datasheet
133Kb / 8P
   High-Current Complementary Silicon Power Transistors
May, 2001 ??Rev. 10
2N5684G ONSEMI-2N5684G Datasheet
119Kb / 5P
   High-Current Complementary Silicon Power Transistors
October, 2007 - Rev. 12
logo
New Jersey Semi-Conduct...
MJ14001 NJSEMI-MJ14001 Datasheet
121Kb / 2P
   High-Current Complementary Silicon Power Transistors
logo
ON Semiconductor
MJ11015 ONSEMI-MJ11015_08 Datasheet
121Kb / 4P
   High-Current Complementary Silicon Transistors
September, 2008 ??Rev. 5
MJ11012 ONSEMI-MJ11012_01 Datasheet
68Kb / 4P
   High-Current Complementary Silicon Transistors
May, 2001 ??Rev. 4
logo
NTE Electronics
NTE29 NTE-NTE29 Datasheet
24Kb / 2P
   Silicon Complementary Transistors High Power, High Current Switch
NTE2534 NTE-NTE2534 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2513 NTE-NTE2513 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com