Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ11032 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJ11032
Description  High-Current Complementary Silicon Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ11032 Datasheet(HTML) 2 Page - ON Semiconductor

  MJ11032 Datasheet HTML 1Page - ON Semiconductor MJ11032 Datasheet HTML 2Page - ON Semiconductor MJ11032 Datasheet HTML 3Page - ON Semiconductor MJ11032 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MJ11028, MJ11030, MJ11032 (NPN)
http://onsemi.com
2
Figure 1. Darlington Circuit Schematic
BASE
EMITTER
COLLECTOR
≈ 3.0 k
≈ 25
PNP
MJ11029
MJ11033
BASE
EMITTER
COLLECTOR
≈ 3.0 k
≈ 25
NPN
MJ11028
MJ11030
MJ11032
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage (Note 1)
MJ11028, MJ11029
(IC = 1 00 mAdc, IB = 0)
MJ11030
MJ11032, MJ11033
V(BR)CEO
60
90
120
Vdc
Collector−Emitter Leakage Current
(VCE = 60 Vdc, RBE = 1 kW)
MJ11028, MJ11029
(VCE = 90 Vdc, RBE = 1 kW)
MJ11030
(VCE = 120 Vdc, RBE = 1 kW)
MJ11032, MJ11033
(VCE = 60 Vdc, RBE = 1 kW, TC = 150_C)
MJ11028, MJ11029
(VCE = 120 Vdc, RBE = 1 kW, TC = 150_C)
MJ11032, MJ11033
ICER
2
2
2
10
10
mAdc
Emitter Cutoff Current
(VBE = 5 Vdc, IC = 0)
IEBO
5
mAdc
Collector−Emitter Leakage Current
(VCE = 50 Vdc, IB = 0)
ICEO
2
mAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 25 Adc, VCE = 5 Vdc)
(IC = 50 Adc, VCE = 5 Vdc)
hFE
1 k
400
18 k
Collector−Emitter Saturation Voltage
(IC = 25 Adc, IB = 250 mAdc)
(IC = 50 Adc, IB = 500 mAdc)
VCE(sat)
2.5
3.5
Vdc
Base−Emitter Saturation Voltage
(IC = 25 Adc, IB = 200 mAdc)
(IC = 50 Adc, IB = 300 mAdc)
VBE(sat)
3.0
4.5
Vdc
1. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2.0%.


Similar Part No. - MJ11032

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ11032 MOSPEC-MJ11032 Datasheet
154Kb / 3P
   POWER TRANSISTOR(50A,60-120V,300W)
logo
Motorola, Inc
MJ11032 MOTOROLA-MJ11032 Datasheet
153Kb / 4P
   50 AMPERE COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS 60.120 VOLTS 300 WATTS
logo
ON Semiconductor
MJ11032 ONSEMI-MJ11032 Datasheet
153Kb / 4P
   COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
1995
logo
Wing Shing Computer Com...
MJ11032 WINGS-MJ11032 Datasheet
24Kb / 1P
   NPN SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Seme LAB
MJ11032 SEME-LAB-MJ11032 Datasheet
59Kb / 2P
   COMPLEMENTARY DARLINGTON POWER TRANSISTOR
More results

Similar Description - MJ11032

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2N5684 NJSEMI-2N5684 Datasheet
206Kb / 2P
   HIGH-CURRENT COMPLEMENTARY SILICON POWER TRANSISTORS
MJ11028 NJSEMI-MJ11028 Datasheet
84Kb / 2P
   High-Current Complementary Silicon Power Transistors
logo
ON Semiconductor
2N5684 ONSEMI-2N5684 Datasheet
133Kb / 8P
   High-Current Complementary Silicon Power Transistors
May, 2001 ??Rev. 10
2N5684G ONSEMI-2N5684G Datasheet
119Kb / 5P
   High-Current Complementary Silicon Power Transistors
October, 2007 - Rev. 12
logo
New Jersey Semi-Conduct...
MJ14001 NJSEMI-MJ14001 Datasheet
121Kb / 2P
   High-Current Complementary Silicon Power Transistors
logo
ON Semiconductor
MJ11015 ONSEMI-MJ11015_08 Datasheet
121Kb / 4P
   High-Current Complementary Silicon Transistors
September, 2008 ??Rev. 5
MJ11012 ONSEMI-MJ11012_01 Datasheet
68Kb / 4P
   High-Current Complementary Silicon Transistors
May, 2001 ??Rev. 4
logo
NTE Electronics
NTE29 NTE-NTE29 Datasheet
24Kb / 2P
   Silicon Complementary Transistors High Power, High Current Switch
NTE2534 NTE-NTE2534 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
NTE2513 NTE-NTE2513 Datasheet
22Kb / 2P
   Silicon Complementary Transistors High Current Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com