Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBT3904DW2T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBT3904DW2T1G
Description  Dual General Purpose Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBT3904DW2T1G Datasheet(HTML) 2 Page - ON Semiconductor

  MBT3904DW2T1G Datasheet HTML 1Page - ON Semiconductor MBT3904DW2T1G Datasheet HTML 2Page - ON Semiconductor MBT3904DW2T1G Datasheet HTML 3Page - ON Semiconductor MBT3904DW2T1G Datasheet HTML 4Page - ON Semiconductor MBT3904DW2T1G Datasheet HTML 5Page - ON Semiconductor MBT3904DW2T1G Datasheet HTML 6Page - ON Semiconductor MBT3904DW2T1G Datasheet HTML 7Page - ON Semiconductor MBT3904DW2T1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MBT3904DW1T1G, MBT3904DW2T1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage (Note 2)
(IC = 1.0 mAdc, IB = 0)
V(BR)CEO
40
Vdc
Collector−Base Breakdown Voltage
(IC = 10 mAdc, IE = 0)
V(BR)CBO
60
Vdc
Emitter−Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
6.0
Vdc
Base Cutoff Current
(VCE = 30 Vdc, VEB = 3.0 Vdc)
IBL
50
nAdc
Collector Cutoff Current
(VCE = 30 Vdc, VEB = 3.0 Vdc)
ICEX
50
nAdc
ON CHARACTERISTICS (Note 2)
DC Current Gain
(IC = 0.1 mAdc, VCE = 1.0 Vdc)
(IC = 1.0 mAdc, VCE = 1.0 Vdc)
(IC = 10 mAdc, VCE = 1.0 Vdc)
(IC = 50 mAdc, VCE = 1.0 Vdc)
(IC = 100 mAdc, VCE = 1.0 Vdc)
hFE
40
70
100
60
30
300
Collector−Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
VCE(sat)
0.2
0.3
Vdc
Base −Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
VBE(sat)
0.65
0.85
0.95
Vdc
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 10 mAdc, VCE = 20 Vdc, f = 100 MHz)
fT
300
MHz
Output Capacitance
(VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz)
Cobo
4.0
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Cibo
8.0
pF
Input Impedance
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
hie
1.0
2.0
10
12
k W
Voltage Feedback Ratio
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
hre
0.5
0.1
8.0
10
X 10−4
Small−Signal Current Gain
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
hfe
100
100
400
400
Output Admittance
(VCE = 10 Vdc, IC = 1.0 mAdc, f = 1.0 kHz)
hoe
1.0
3.0
40
60
mmhos
Noise Figure
(VCE = 5.0 Vdc, IC = 100 mAdc, RS = 1.0 k W, f = 1.0 kHz)
NF
5.0
4.0
dB
2. Pulse Test: Pulse Width ≤ 300 ms; Duty Cycle ≤ 2.0%.


Similar Part No. - MBT3904DW2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBT3904DW2T1G ONSEMI-MBT3904DW2T1G Datasheet
105Kb / 8P
   Dual General Purpose Transistors
September, 2004 ??Rev. 4
MBT3904DW2T1G ONSEMI-MBT3904DW2T1G Datasheet
105Kb / 7P
   Dual General Purpose Transistors
May, 2005 - Rev. 5
MBT3904DW2T1G ONSEMI-MBT3904DW2T1G Datasheet
138Kb / 8P
   Dual General Purpose Transistors
October, 2012 ??Rev. 9
MBT3904DW2T1G ONSEMI-MBT3904DW2T1G Datasheet
102Kb / 8P
   Dual General Purpose Transistors
June, 2015 ??Rev. 11
More results

Similar Description - MBT3904DW2T1G

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com