Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRM120ET1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBRM120ET1
Description  Surface Mount Schottky Power Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRM120ET1 Datasheet(HTML) 3 Page - ON Semiconductor

  MBRM120ET1 Datasheet HTML 1Page - ON Semiconductor MBRM120ET1 Datasheet HTML 2Page - ON Semiconductor MBRM120ET1 Datasheet HTML 3Page - ON Semiconductor MBRM120ET1 Datasheet HTML 4Page - ON Semiconductor MBRM120ET1 Datasheet HTML 5Page - ON Semiconductor MBRM120ET1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBRM120E
http://onsemi.com
3
VR, REVERSE VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
0.2
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
1.0
VF, MAXIMUM INSTANTANEOUS FORWARD VOLTAGE
(VOLTS)
20
0
VR, REVERSE VOLTAGE (VOLTS)
100E−3
10E−3
10E−6
1E−6
100E−9
10E−9
0.1
0.6
0.4
0.8
5.0
10
15
20
0
100E−3
10E−3
1E−3
100E−9
10E−9
5.0
10
15
TJ = 100°C
TJ = 150°C
TJ = −40°C
TJ = 25°C
TJ = 150°C
TJ = 100°C
TJ = 25°C
TJ = 150°C
TJ = 100°C
TJ = 25°C
0.2
10
1.0
0.1
0.6
0.4
0.8
100E−6
10E−6
1E−6
TJ = 100°C
TJ = 150°C
TJ = 25°C
100E−6
1E−3
Ipk/Io = 5
Figure 5. Current Derating
Figure 6. Forward Power Dissipation
45
85
25
TL, LEAD TEMPERATURE (°C)
1.8
1.2
1.0
0.8
0.2
0
IO, AVERAGE FORWARD CURRENT (AMPS)
0.2
0
0.7
0.6
0.5
0.3
0.1
0
1.0
65
105
145
125
1.4
0.4
0.8
1.2
1.6
0.4
165
1.6
SQUARE
WAVE
dc
Ipk/Io = p
Ipk/Io = 10
Ipk/Io = 20
Ipk/Io = 20
Ipk/Io = 10
Ipk/Io = 5
Ipk/Io = p
SQUARE WAVE
dc
0.6
0.4
FREQ = 20 kHz
0.6
1.4
0.2


Similar Part No. - MBRM120ET1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRM120ET1 ONSEMI-MBRM120ET1 Datasheet
90Kb / 8P
   Surface Mount Schottky Power Rectifier
November, 2001 ??Rev. 0
MBRM120ET1G ONSEMI-MBRM120ET1G Datasheet
180Kb / 6P
   Surface Mount Schottky Power Rectifier
January, 2012 ??Rev. 3
More results

Similar Description - MBRM120ET1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com