Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD05MMP1 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # RD05MMP1
Description  RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RD05MMP1 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  RD05MMP1_10 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RD05MMP1_10 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RD05MMP1_10 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RD05MMP1_10 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RD05MMP1_10 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RD05MMP1_10 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RD05MMP1_10 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RD05MMP1_10 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Silicon RF Power Semiconductors
RD05MMP1
RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
RD05MMP1
17 Aug 2010
7/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
ATTENTION:
1.High Temperature ; This product might have a heat generation while operation,Please take notice that
have a possibility to receive a burn to touch the operating product directly or touch the product until cold
after switch off. At the near the product,do not place the combustible material that have possibilities to arise
the fire.
2.Generation of High Frequency Power ; This product generate a high frequency power. Please take notice
that do not leakage the unnecessary electric wave and use this products without cause damage for human
and property per normal operation.
3.Before use; Before use the product,Please design the equipment in consideration of the risk for human
and electric wave obstacle for equipment.
PRECAUTIONS FOR THE USE OF MITSUBISHI SILICON RF POWER DEVICES:
1. The specifications of mention are not guarantee values in this data sheet. Please confirm additional details
regarding operation of these products from the formal specification sheet. For copies of the formal
specification sheets, please contact one of our sales offices.
2. RD series products (RF power transistors) are designed for consumer mobile communication terminals
and were not specifically designed for use in other applications. In particular, while these products are
highly reliable for their designed purpose, they are not manufactured under a quality assurance testing
protocol that is sufficient to guarantee the level of reliability typically deemed necessary for critical
communications elements. Examples of critical communications elements would include transmitters for
base station applications and fixed station applications that operate with long term continuous transmission
and a higher on-off frequency during transmitting, especially for systems that may have a high impact to
society.
3. RD series products use MOSFET semiconductor technology. They are sensitive to ESD voltage therefore
appropriate ESD precautions are required.
4. In the case of use in below than recommended frequency, there is possibility to occur that the device is
deteriorated or destroyed due to the RF-swing exceed the breakdown voltage.
5. In order to maximize reliability of the equipment, it is better to keep the devices temperature low. It is
recommended to utilize a sufficient sized heat-sink in conjunction with other cooling methods as needed
(fan, etc.) to keep the channel temperature for RD series products lower than 120deg/C(in case of
Tchmax=150deg/C) ,140deg/C(in case of Tchmax=175deg/C) under standard conditions.
6. Do not use the device at the exceeded the maximum rating condition. In case of plastic molded devices,
the exceeded maximum rating condition may cause blowout, smoldering or catch fire of the molding resin
due to extreme short current flow between the drain and the source of the device. These results causes in
fire or injury.
7. For specific precautions regarding assembly of these products into the equipment, please refer to the
supplementary items in the specification sheet.
8. Warranty for the product is void if the products protective cap (lid) is removed or if the product is modified
in any way from it’s original form.
9. For additional “Safety first” in your circuit design and notes regarding the materials, please refer the last
page of this data sheet.
10. Please refer to the additional precautions in the formal specification sheet.


Similar Part No. - RD05MMP1_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD05MMP1 MITSUBISHI-RD05MMP1_11 Datasheet
349Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
More results

Similar Description - RD05MMP1_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RD05MMP1 MITSUBISHI-RD05MMP1_11 Datasheet
349Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
RD05MMP1 MITSUBISHI-RD05MMP1 Datasheet
128Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 941MHz, 5.5W
RD00HVS1 MITSUBISHI-RD00HVS1_10 Datasheet
141Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD00HVS1 MITSUBISHI-RD00HVS1 Datasheet
173Kb / 6P
   RoHS Compliance, Silicon MOSFET Power Transistor 175MHz,0.5W
RD01MUS2 MITSUBISHI-RD01MUS2_10 Datasheet
209Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
RD12MVS1 MITSUBISHI-RD12MVS1_10 Datasheet
414Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 12W
RD30HVF1 MITSUBISHI-RD30HVF1_11 Datasheet
537Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor,175MHz,30W
RD12MVP1 MITSUBISHI-RD12MVP1_11 Datasheet
315Kb / 9P
   RoHS Compliance, Silicon MOSFET Power Transistor, 175MHz, 10W
RD00HHS1 MITSUBISHI-RD00HHS1_11 Datasheet
298Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 30MHz,0.3W
RD01MUS2 MITSUBISHI-RD01MUS2_11 Datasheet
419Kb / 7P
   RoHS Compliance, Silicon MOSFET Power Transistor 520MHz,1W
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com