Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRF40250TG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBRF40250TG
Description  250 V, 40 A SWITCHMODE Schottky Power Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRF40250TG Datasheet(HTML) 3 Page - ON Semiconductor

  MBRF40250TG Datasheet HTML 1Page - ON Semiconductor MBRF40250TG Datasheet HTML 2Page - ON Semiconductor MBRF40250TG Datasheet HTML 3Page - ON Semiconductor MBRF40250TG Datasheet HTML 4Page - ON Semiconductor MBRF40250TG Datasheet HTML 5Page - ON Semiconductor MBRF40250TG Datasheet HTML 6Page - ON Semiconductor MBRF40250TG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MBR40250, MBR40250T, MBRF40250T, MBRB40250T
http://onsemi.com
3
TYPICAL CHARACTERISTICS
TJ = 25°C
TJ = 100°C
TJ = 125°C
TJ = 150°C
1.0E-02
1.0E-01
25
75
125
175
225
1.0E-03
1.0E-04
1.0E-05
1.0E-06
1.0E-07
1
10
100
0.3
0.4
0.6
0.8
1.0
Figure 1. Typical Forward Voltage
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
TJ = 25°C
TJ = 100°C
TJ = 125°C
TJ = 150°C
Figure 2. Maximum Forward Voltage
50
100
150
200
250
VR, REVERSE VOLTAGE (V)
0
100
200
300
400
500
600
700
110
100
TJ = 25°C
Figure 3. Typical Reverse Current
VR, REVERSE VOLTAGE (V)
Figure 4. Typical Capacitance
1
10
100
0.3
0.5
0.7
0.9
1.1
VF, MAXIMUM FORWARD VOLTAGE (V)
TJ = 25°C
TJ = 100°C
TJ = 125°C
TJ = 150°C
0.5
0.7
0.9
0.4
0.6
0.8
1.0
SQUARE WAVE
RATED VOLTAGE
RqJC = 2°C/W
DC
50
60
60
80
100
120
140
40
30
20
10
0
70
90
110
130
150
TC, CASE TEMPERATURE (°C)
Figure 5. Current Derating (Case) for
MBR40250, MBR40250T and MBRB40250T
Figure 6. Forward Power Dissipation for
MBR40250, MBR40250T and MBRB40250T
020
40
10
30
50
70
45
55
35
25
15
5
65
MBR40250
MBR40250T
MBRB40250T
SQUARE WAVE
DC
50
30
40
40
30
20
10
0
35
IO, AVERAGE FORWARD CURRENT (A)
010
20
515
25
MBR40250
MBR40250T
MBRB40250T


Similar Part No. - MBRF40250TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRF40250TG ONSEMI-MBRF40250TG Datasheet
111Kb / 6P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
April, 2006 ??Rev. 5
MBRF40250TG ONSEMI-MBRF40250TG Datasheet
107Kb / 7P
   Switch-mode Schottky Power Rectifier 250 V, 40 A
January, 2015 ??Rev. 13
MBRF40250TG ONSEMI-MBRF40250TG Datasheet
86Kb / 7P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 14
logo
Inchange Semiconductor ...
MBRF40250TG ISC-MBRF40250TG Datasheet
282Kb / 2P
   Ultra-fast Recovery Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com