Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRF40250TG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBRF40250TG
Description  250 V, 40 A SWITCHMODE Schottky Power Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRF40250TG Datasheet(HTML) 2 Page - ON Semiconductor

  MBRF40250TG Datasheet HTML 1Page - ON Semiconductor MBRF40250TG Datasheet HTML 2Page - ON Semiconductor MBRF40250TG Datasheet HTML 3Page - ON Semiconductor MBRF40250TG Datasheet HTML 4Page - ON Semiconductor MBRF40250TG Datasheet HTML 5Page - ON Semiconductor MBRF40250TG Datasheet HTML 6Page - ON Semiconductor MBRF40250TG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MBR40250, MBR40250T, MBRF40250T, MBRB40250T
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
250
V
Average Rectified Forward Current
(Rated VR) TC = 82°C MBR40250, MBR40250T, MBRB40250T
(Rated VR) TC = 46°C MBRF40250T
IF(AV)
40
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz) TC = 82°C MBR40250, MBR40250T, MBRB40250T
(Rated VR, Square Wave, 20 kHz) TC = 46°C MBRF40250T
IFRM
80
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 60 Hz)
IFSM
150
A
Storage Temperature
Tstg
*65 to +175
°C
Operating Junction Temperature
TJ
*65 to +150
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/ms
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Maximum Thermal Resistance
Junction−to−Case
MBR40250(T) and MBRB40250T
MBRF40250
Junction−to−Ambient
MBR40250(T)
MBRF40250
MBRB40250T
RqJC
RqJA
2.0
3.0
60
50
50
°C/W
ELECTRICAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 1)
IF = 20 A, TC = 25°C
IF = 20 A, TC = 125°C
IF = 40 A, TC = 25°C
IF = 40 A, TC = 125°C
VF
0.86
0.71
0.97
0.86
V
Maximum Instantaneous Reverse Current (Note 1)
Rated DC Voltage, TC = 25°C
Rated DC Voltage, TC = 125°C
IR
0.25
30
mA
Maximum Reverse Recovery Time
IF = 1.0 A, di/dt = 50 A/ms, TC = 25°C
trr
35
ns
DYNAMIC CHARACTERISTICS
Capacitance
VR = −5.0 V, TC = 25°C, Frequency = 1.0 MHz
CT
500
pF
1. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.


Similar Part No. - MBRF40250TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRF40250TG ONSEMI-MBRF40250TG Datasheet
111Kb / 6P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
April, 2006 ??Rev. 5
MBRF40250TG ONSEMI-MBRF40250TG Datasheet
107Kb / 7P
   Switch-mode Schottky Power Rectifier 250 V, 40 A
January, 2015 ??Rev. 13
MBRF40250TG ONSEMI-MBRF40250TG Datasheet
86Kb / 7P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 14
logo
Inchange Semiconductor ...
MBRF40250TG ISC-MBRF40250TG Datasheet
282Kb / 2P
   Ultra-fast Recovery Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com