Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR2045CTG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MBR2045CTG
Description  SWITCHMODE Power Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR2045CTG Datasheet(HTML) 4 Page - ON Semiconductor

  MBR2045CTG Datasheet HTML 1Page - ON Semiconductor MBR2045CTG Datasheet HTML 2Page - ON Semiconductor MBR2045CTG Datasheet HTML 3Page - ON Semiconductor MBR2045CTG Datasheet HTML 4Page - ON Semiconductor MBR2045CTG Datasheet HTML 5Page - ON Semiconductor MBR2045CTG Datasheet HTML 6Page - ON Semiconductor MBR2045CTG Datasheet HTML 7Page - ON Semiconductor MBR2045CTG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MBR2045CT, MBRF2045CT
http://onsemi.com
4
5.0
15
0
VR, REVERSE VOLTAGE (VOLTS)
10
1.0
0.1
0.01
0.001
10
20
30
25
100
35
40
50
45
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
TJ = 150°C
125
°C
100
°C
75
°C
25
°C
5.0
15
0
VR, REVERSE VOLTAGE (VOLTS)
10
1.0
0.1
0.01
0.0001
10
20
30
25
100
35
40
50
45
TJ = 150°C
125
°C
100
°C
25
°C
140
TC, CASE TEMPERATURE (°C)
10
8.0
6.0
2.0
0
145
150
155
18
160
165
Figure 5. Maximum Surge Capability
Figure 6. Current Derating, Case, Per Leg
4
0
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
16
10
8
4
0
8
12
20
16
28
24
30
28
Figure 7. Current Derating, Ambient, Per Leg
Figure 8. Forward Power Dissipation
16
14
12
6
2
18
14
12
dc
TJ = 175°C
SQUARE
WAVE
dc
SQUARE
WAVE
NUMBER OF CYCLES AT 60 Hz
10
1.0
200
100
50
30
20
3.0
2.0
100
70
7.0
5.0
30
20
70
50
0.001
4.0
TA, AMBIENT TEMPERATURE (°C)
25
0
12
8.0
4.0
0
50
75
175
dc
14
10
6.0
2.0
100
125
SQUARE WAVE
dc
RqJA = 16°C/W
(With TO-220 Heat Sink)
RqJA = 60°C/W
(No Heat Sink)
150
16
18
20
170
175
180
20
22
24
26
2
6
10
18
14
22
26


Similar Part No. - MBR2045CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR2045CTG ONSEMI-MBR2045CTG Datasheet
111Kb / 6P
   SWITCHMODE Power Rectifier
April, 2007 ??Rev. 6
logo
Kersemi Electronic Co.,...
MBR2045CTG KERSEMI-MBR2045CTG Datasheet
468Kb / 6P
   SWITCHMODE Power Rectifier
MBR2045CTG KERSEMI-MBR2045CTG Datasheet
504Kb / 8P
   SCHOTTKY BARRIER RECTIFIER 20 AMPERES, 45 VOLTS
logo
ON Semiconductor
MBR2045CTG ONSEMI-MBR2045CTG Datasheet
83Kb / 8P
   Switch-mode Power Rectifier
July, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com