Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR2535CTG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBR2535CTG
Description  SWITCHMODE Power Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR2535CTG Datasheet(HTML) 3 Page - ON Semiconductor

  MBR2535CTG Datasheet HTML 1Page - ON Semiconductor MBR2535CTG Datasheet HTML 2Page - ON Semiconductor MBR2535CTG Datasheet HTML 3Page - ON Semiconductor MBR2535CTG Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBR2535CTG, MBR2545CTG
http://onsemi.com
3
110
TC, CASE TEMPERATURE (°C)
20
8.0
4.0
0
TA, AMBIENT TEMPERATURE (°C)
20
0
48
24
16
8.0
0
40
8.0
16
0
IF, AVERAGE FORWARD CURRENT (AMPS)
32
16
12
8.0
4.0
0
12
120
130
160
180
60
80
180
20
40
24
28
4.0
28
32
36
20
24
SQUARE WAVE
dc
SQUARE WAVE
dc
16
12
24
48
28
28
20
12
4.0
100
120
140
RATED VR APPLIED
SQUARE WAVE
dc
RATED VOLTAGE APPLIED
RqJC = 1.5°C/W
RqJA = 16°C/W
(With TO-220 Heat Sink)
RqJA = 60°C/W
(No Heat Sink)
SQUARE WAVE
dc
TJ = 125°C
(CAPACITATIVE LOAD)
I
PK
I
AV
+ 5.0
10
20
(RESISTIVE LOAD)
I
PK
I
AV
+ p
Figure 1. Typical Forward Voltage, Per Leg
Figure 2. Typical Reverse Current, Per Leg
0.6
0
VF , INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
1000
10
VR, REVERSE VOLTAGE (VOLTS)
0
0.2
0.04
0.02
0.002
1.0
0.2
0.4
0.8
10
20
30
40
0.1
0.4
1.0
0.1
1.0
50
4.0
2.0
10
20
100
40
200
TJ = 125°C
150°C
25°C
TJ = 150°C
125°C
100°C
100
0.01
0.004
25°C
75°C
1.6
1.2
1.4
1.8
Figure 3. Current Derating, Per Device
Figure 4. Current Derating, Per Device
Figure 5. Forward Power Dissipation
140
150
170
32
36
40
44
160
32
36
40
44


Similar Part No. - MBR2535CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR2535CTG ONSEMI-MBR2535CTG Datasheet
125Kb / 4P
   SWITCHMODE Power Rectifiers
May, 2008 ??Rev. 11
MBR2535CTG ONSEMI-MBR2535CTG Datasheet
94Kb / 4P
   Switch?릑ode Power Rectifiers
September, 2014 ??Rev. 15
MBR2535CTG ONSEMI-MBR2535CTG_14 Datasheet
94Kb / 4P
   Switch?릑ode Power Rectifiers
September, 2014 ??Rev. 15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com