Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAN222T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # DAN222T1G
Description  Common Cathode Silicon Dual Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DAN222T1G Datasheet(HTML) 3 Page - ON Semiconductor

  DAN222T1G Datasheet HTML 1Page - ON Semiconductor DAN222T1G Datasheet HTML 2Page - ON Semiconductor DAN222T1G Datasheet HTML 3Page - ON Semiconductor DAN222T1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DAN222G
http://onsemi.com
3
A
RL
tr
tp
t
10%
90%
VR
tp =2 ms
tr =0.35 ns
IF
trr
t
Irr =0.1 IR
IF =5.0 mA
VR =6 V
RL = 100 Ω
RECOVERY TIME EQUIVALENT TEST CIRCUIT
INPUT PULSE
OUTPUT PULSE
Figure 4. Reverse Recovery Time Test Circuit for the DAN222


Similar Part No. - DAN222T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DAN222T1G ONSEMI-DAN222T1G Datasheet
49Kb / 4P
   Common Cathode Silicon Dual Switching Diode
March, 2006 ??Rev. 4
DAN222T1G ONSEMI-DAN222T1G Datasheet
165Kb / 5P
   Common Cathode Silicon Dual Switching Diode
September, 2013 - Rev. 7
More results

Similar Description - DAN222T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LDAN222T1G LRC-LDAN222T1G_15 Datasheet
223Kb / 3P
   Common Cathode Silicon Dual Switching Diode
logo
ON Semiconductor
M1MA141WKT1 ONSEMI-M1MA141WKT1 Datasheet
50Kb / 4P
   Common Cathode Silicon Dual Switching Diode
November, 2005 ??Rev. 7
DAN222 ONSEMI-DAN222_06 Datasheet
49Kb / 4P
   Common Cathode Silicon Dual Switching Diode
March, 2006 ??Rev. 4
DAN222M3T5G ONSEMI-DAN222M3T5G Datasheet
94Kb / 4P
   Common Cathode Silicon Dual Switching Diode
January, 2013 ??Rev. 6
DAN222 ONSEMI-DAN222_V01 Datasheet
165Kb / 5P
   Common Cathode Silicon Dual Switching Diode
September, 2013 - Rev. 7
M1MA141WKT1G ONSEMI-M1MA141WKT1G_11 Datasheet
133Kb / 4P
   Common Cathode Silicon Dual Switching Diode
November, 2011 ??Rev. 9
logo
First Silicon Co., Ltd
FDS222 FS-FDS222 Datasheet
106Kb / 4P
   Common Cathode Silicon Dual Switching Diode
logo
Leshan Radio Company
LDAN222T1 LRC-LDAN222T1 Datasheet
143Kb / 3P
   Common Cathode Silicon Dual Switching Diode
LDAN222T1G LRC-LDAN222T1G Datasheet
168Kb / 4P
   Common Cathode Silicon Dual Switching Diode
LM1MA141WKT1 LRC-LM1MA141WKT1 Datasheet
101Kb / 4P
   Common Cathode Silicon Dual Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com