Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUL45G Datasheet(PDF) 3 Page - ON Semiconductor

Part # BUL45G
Description  NPN Silicon Power Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BUL45G Datasheet(HTML) 3 Page - ON Semiconductor

  BUL45G Datasheet HTML 1Page - ON Semiconductor BUL45G Datasheet HTML 2Page - ON Semiconductor BUL45G Datasheet HTML 3Page - ON Semiconductor BUL45G Datasheet HTML 4Page - ON Semiconductor BUL45G Datasheet HTML 5Page - ON Semiconductor BUL45G Datasheet HTML 6Page - ON Semiconductor BUL45G Datasheet HTML 7Page - ON Semiconductor BUL45G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BUL45G
http://onsemi.com
3
IC, COLLECTOR CURRENT (AMPS)
0.01
100
IC, COLLECTOR CURRENT (AMPS)
10
1
1.00
10.00
100
10
1
0.01
0.10
1.00
10.00
2.0
0.01
IB, BASE CURRENT (AMPS)
10
1.0
0.01
0.01
IC, COLLECTOR CURRENT (AMPS)
0.10
1.0
0.8
0.4
0.01
IC, COLLECTOR CURRENT (AMPS)
0.10
1.00
10.00
1000
100
1
VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
1
1000
1.0
0
0.1
1.00
10.00
10000
10
0.10
0.10
1.00
10.00
10
1.1
0.9
0.6
0.5
0.5
1.5
100
0.7
TYPICAL STATIC CHARACTERISTICS
Figure 1. DC Current Gain @ 1 Volt
Figure 2. DC Current Gain at @ 5 Volts
Figure 3. Collector−Emitter Saturation Region
Figure 4. Collector−Emitter Saturation Voltage
Figure 5. Base−Emitter Saturation Region
Figure 6. Capacitance
VCE = 1 V
TJ = 125°C
TJ = 25°C
TJ = -20°C
VCE = 5 V
TJ = 25°C
TJ = 125°C
TJ = -20°C
TJ = 25°C
IC = 0.5 A
1.5
A
1 A
2A
3 A
4 A
5 A
6 A
IC/IB = 10
IC/IB = 5
IC/IB = 10
IC/IB = 5
TJ = 25°C
TJ = 125°C
Cib
Cob
TJ = 25°C
f = 1 MHz
TJ = 25°C
TJ = 125°C


Similar Part No. - BUL45G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BUL45G ONSEMI-BUL45G Datasheet
120Kb / 8P
   NPN Silicon Power Transistor
February, 2006 ??Rev. 7
More results

Similar Description - BUL45G

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com