Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD810 Datasheet(PDF) 5 Page - ON Semiconductor

Part # BD810
Description  Plastic High Power Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD810 Datasheet(HTML) 5 Page - ON Semiconductor

  BD810 Datasheet HTML 1Page - ON Semiconductor BD810 Datasheet HTML 2Page - ON Semiconductor BD810 Datasheet HTML 3Page - ON Semiconductor BD810 Datasheet HTML 4Page - ON Semiconductor BD810 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BD809 (NPN), BD810 (PNP)
http://onsemi.com
5
PACKAGE DIMENSIONS
TO-220
CASE 221A-09
ISSUE AE
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.160
0.190
4.07
4.82
D
0.025
0.035
0.64
0.88
F
0.142
0.161
3.61
4.09
G
0.095
0.105
2.42
2.66
H
0.110
0.155
2.80
3.93
J
0.014
0.025
0.36
0.64
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
---
1.15
---
Z
---
0.080
---
2.04
B
Q
H
Z
L
V
G
N
A
K
F
12 3
4
D
SEATING
PLANE
-T-
C
S
T
U
R
J
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
BD809/D
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800-282-9855 Toll Free
 USA/Canada
Europe, Middle East and Africa Technical Support:
 Phone: 421 33 790 2910
Japan Customer Focus Center
 Phone: 81-3-5773-3850
LITERATURE FULFILLMENT:
 Literature Distribution Center for ON Semiconductor
 P.O. Box 5163, Denver, Colorado 80217 USA
 Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada
 Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada
 Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - BD810

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD810 ONSEMI-BD810 Datasheet
49Kb / 8P
   POWER TRANSISTORS PNP SILICON
April, 2002 ??Rev. 1
logo
Savantic, Inc.
BD810 SAVANTIC-BD810 Datasheet
91Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
BD810 JMNIC-BD810 Datasheet
127Kb / 1P
   Silicon PNP Transistors
logo
Inchange Semiconductor ...
BD810 ISC-BD810 Datasheet
132Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
BD810 NJSEMI-BD810 Datasheet
127Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - BD810

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD802 MOTOROLA-BD802 Datasheet
94Kb / 4P
   Plastic High Power Silicon PNP Transistor
BD808 MOTOROLA-BD808 Datasheet
104Kb / 4P
   Plastic High Power Silicon PNP Transistor
logo
ON Semiconductor
BD802 ONSEMI-BD802 Datasheet
46Kb / 4P
   Plastic High Power Silicon PNP Transistor
March, 2001 ??Rev. 9
BD808 ONSEMI-BD808 Datasheet
49Kb / 4P
   Plastic High Power Silicon PNP Transistor
January, 2001 ??Rev. 8
logo
Motorola, Inc
BD801 MOTOROLA-BD801 Datasheet
93Kb / 4P
   Plastic High Power Silicon NPN Transistor
logo
Usha India Ltd.
2SD880Y USHA-2SD880Y Datasheet
50Kb / 2P
   SILICON PLASTIC POWER TRANSISTOR
logo
ON Semiconductor
2N5655 ONSEMI-2N5655_06 Datasheet
80Kb / 5P
   Plastic NPN Silicon High?뭋oltage Power Transistor
October, 2006 ??Rev. 9
2N5655 ONSEMI-2N5655 Datasheet
89Kb / 4P
   Plastic NPN Silicon High-Voltage Power Transistor
April, 2002 ??Rev. 7
logo
New Jersey Semi-Conduct...
2N5655 NJSEMI-2N5655 Datasheet
129Kb / 1P
   PLASTIC NPN SILICON HIGH-VOLTAGE POWER TRANSISTOR
logo
First Components Intern...
TIP31 FCI-TIP31 Datasheet
49Kb / 1P
   Complementary Silicon Plastic Power Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com