Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UR7HCTS2-U860-DR Datasheet(PDF) 6 Page - Semtech Corporation

Part # UR7HCTS2-U860-DR
Description  High-Performance USB Touch Screen Controller / Digitizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UR7HCTS2-U860-DR Datasheet(HTML) 6 Page - Semtech Corporation

Back Button UR7HCTS2-U860-DR Datasheet HTML 2Page - Semtech Corporation UR7HCTS2-U860-DR Datasheet HTML 3Page - Semtech Corporation UR7HCTS2-U860-DR Datasheet HTML 4Page - Semtech Corporation UR7HCTS2-U860-DR Datasheet HTML 5Page - Semtech Corporation UR7HCTS2-U860-DR Datasheet HTML 6Page - Semtech Corporation UR7HCTS2-U860-DR Datasheet HTML 7Page - Semtech Corporation UR7HCTS2-U860-DR Datasheet HTML 8Page - Semtech Corporation UR7HCTS2-U860-DR Datasheet HTML 9Page - Semtech Corporation UR7HCTS2-U860-DR Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
USB DESCRIPTORS, (CON’T)
Copyright Semtech 2000-2001
DOC7-TS2-U860-DS-101
www.semtech.com
6
Offset
Part
Size
Value
Description
Endpoint Descriptor
0
bLength
1
0x07
Size of endpoint descriptor in bytes
1
bDescriptorType
1
0x05
Endpoint descriptor type
2
bEndpointAddress
1
0x81
Endpoint address (IN, Endpoint 1)
3
bmAttribute
1
0x03
Endpoint's attribute (interrupt)
4
WMaxPacketSize
2
0x0005
Maximum packet size
6
BInterval
1
0x0A
Interval for polling (poll every 10 ms)
String Descriptor
1
bLength
1
0x04
Length of string description in bytes
2
bDescriptorType
1
0x03
Descriptor type = String
3
bString
2
0x0904
LangID code = English
5
bLength
1
0x0A
Length of string descriptor
6
bDescriptorType
1
0x03
Descriptor Type = String
7
bString
8
‘U’,0,’S’, Manufacturer
0,’A’,0,
’R’,0
15
bLength
1
0x3A
Length of string descriptor
16
bDescriptorType
1
0x03
Descriptor type = String
17
bString
20
‘S’,0,’c’
“ScreenCoderTM UR7HCTS2-U860”
0,’r’,0,
’e’,0,etc.
Offset
Data
Mnemonic
Value
Report Descriptor
0
05 01
Usage Page
Generic Desktop
2
09 01
Usage
Pointer
4
A1 01
Collection
Application
6
09 01
Usage
Pointer
8
A1 00
Collection
Physical
10
05 09
Usage page
Buttons
12
19 01
Usage Minimum
1
14
29 03
Usage Maximum
3
16
15 00
Logical Minimum
0
18
25 01
Logical Maximum
1
20
95 03
Report Count
3
22
75 01
Report Size
1
24
81 02
Input
Variable
26
95 01
Report Count
1
28
75 05
Report Size
5
30
81 01
Input
Constant
32
05 01
Usage Page
Generic Desktop
34
09 30
Usage
X
36
09, 31
Usage
Y
38
15, 00
Logical Maximum
0
40
26, FF 7F
Usage Maximum
15 bits 7FFF
43
35, 00
Physical Minimum
0
45
46, FF 7F
Physical Maximum
15 bits 7FFF
48
75, 10
Report Size
16 bits
50
95, 02
Report Count
2
52
81, 02
Input
Variable
54
C0
End Collection
55
C0
End Collection


Similar Part No. - UR7HCTS2-U860-DR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR7HCTS2-P840 SEMTECH-UR7HCTS2-P840 Datasheet
179Kb / 16P
   High-Performance, Low Power PS/2 Touch Screen Controller/Digitizer
UR7HCTS2-P840-FG SEMTECH-UR7HCTS2-P840-FG Datasheet
179Kb / 16P
   High-Performance, Low Power PS/2 Touch Screen Controller/Digitizer
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
UR7HCTS2-S840-FG SEMTECH-UR7HCTS2-S840-FG Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
More results

Similar Description - UR7HCTS2-U860-DR

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
UR7HCTS2-P840 SEMTECH-UR7HCTS2-P840 Datasheet
179Kb / 16P
   High-Performance, Low Power PS/2 Touch Screen Controller/Digitizer
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ACP-REEL7 AD-AD7873ACP-REEL7 Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873 AD-AD7873 Datasheet
657Kb / 28P
   Touch Screen Digitizer
Rev. D
AD7843 AD-AD7843 Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7873ARQZ AD-AD7873ARQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7843 AD-AD7843_17 Datasheet
304Kb / 21P
   Touch Screen Digitizer
AD7843 AD-AD7843_15 Datasheet
480Kb / 21P
   Touch Screen Digitizer
REV. B
AD7843ARUZ AD-AD7843ARUZ Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com