Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD436 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BD436
Description  Plastic Medium Power Silicon PNP Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BD436 Datasheet(HTML) 2 Page - ON Semiconductor

  BD436 Datasheet HTML 1Page - ON Semiconductor BD436 Datasheet HTML 2Page - ON Semiconductor BD436 Datasheet HTML 3Page - ON Semiconductor BD436 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BD436, BD438, BD440, BD442
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Collector−Emitter Breakdown Voltage
BD436
(IC = 100 mA, IB = 0)
BD438
BD440
BD442
V(BR)CEO
32
45
60
80
Vdc
Collector−Base Breakdown Voltage
BD436
(IC = 100 mA, IB = 0)
BD438
BD440
BD442
V(BR)CBO
32
45
60
80
Vdc
Emitter−Base Breakdown Voltage
(IE = 100 mA, IC = 0)
V(BR)EBO
5.0
Vdc
Collector Cutoff Current
(VCB = 32 V, IE = 0)
BD436
(VCB = 45 V, IE = 0)
BD438
(VCB = 60 V, IE = 0)
BD440
(VCB = 80 V, IE = 0)
BD442
ICBO
0.1
0.1
0.1
0.1
mAdc
Emitter Cutoff Current
(VEB = 5.0 V)
IEBO
1.0
mAdc
DC Current Gain
BD436
(IC = 10 mA, VCE = 5.0 V)
BD438
BD440
BD442
hFE
40
30
20
15
DC Current Gain
BD436
(IC = 500 mA, VCE = 1.0 V)
BD438
BD440
BD442
hFE
85
85
40
40
475
475
475
475
DC Current Gain
BD436
(IC = 2.0 A, VCE = 1.0 V)
BD438
BD440
BD442
hFE
50
40
25
15
Collector Saturation Voltage
(IC = 2.0 A, IB = 0.2 A)
BD436
(IC = 3.0 A, IB = 0.3 A)
BD438
BD440
BD442
VCE(sat)
0.5
0.7
0.8
0.8
Vdc
Base−Emitter On Voltage
BD436/BD438
(IC = 2.0 A, VCE = 1.0 V)
BD440/BD442
VBE(ON)
1.1
1.5
Vdc
Current−Gain − Bandwidth Product
(VCE = 1.0 V, IC = 250 mA, f = 1.0 MHz)
fT
3.0
MHz


Similar Part No. - BD436

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD436 STMICROELECTRONICS-BD436 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Savantic, Inc.
BD436 SAVANTIC-BD436 Datasheet
110Kb / 3P
   Silicon NPN Power Transistors
logo
Siemens Semiconductor G...
BD436 SIEMENS-BD436 Datasheet
183Kb / 5P
   PNP SILICON EPIBASE TRANSISTORS
logo
Continental Device Indi...
BD436 CDIL-BD436 Datasheet
136Kb / 4P
   EPITAXIAL SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
BD436 FAIRCHILD-BD436 Datasheet
42Kb / 5P
   Medium Power Linear and Switching Applications
More results

Similar Description - BD436

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD136 ONSEMI-BD136 Datasheet
42Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
April, 2005 ??Rev. 12
MJE350G ONSEMI-MJE350G Datasheet
102Kb / 3P
   Plastic Medium-Power PNP Silicon Transistor
December, 2013 ??Rev. 17
BD180 ONSEMI-BD180 Datasheet
68Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
February, 2006 ??Rev. 11
logo
New Jersey Semi-Conduct...
2N4918 NJSEMI-2N4918 Datasheet
136Kb / 1P
   MEDIUM-POWER PLASTIC PNP SILICON TRANSISTOR
logo
ON Semiconductor
MJE350 ONSEMI-MJE350 Datasheet
139Kb / 3P
   Plastic Medium Power PNP Silicon Transistor
January, 2007 ??Rev. 14
logo
New Jersey Semi-Conduct...
MJE350 NJSEMI-MJE350 Datasheet
72Kb / 2P
   Plastic Medium Power PNP Silicon Transistor
logo
Motorola, Inc
BD180 MOTOROLA-BD180 Datasheet
105Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
logo
ON Semiconductor
BD436G ONSEMI-BD436G Datasheet
84Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
December, 2013 ??Rev. 16
logo
Motorola, Inc
BD186 MOTOROLA-BD186 Datasheet
103Kb / 2P
   PLASTIC MEDIUM POWER SILICON PNP TRANSISTOR
BD166 MOTOROLA-BD166 Datasheet
101Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com