Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UR7HCTS2-P840-FG Datasheet(PDF) 4 Page - Semtech Corporation

Part # UR7HCTS2-P840-FG
Description  High-Performance, Low Power PS/2 Touch Screen Controller/Digitizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UR7HCTS2-P840-FG Datasheet(HTML) 4 Page - Semtech Corporation

  UR7HCTS2-P840-FG Datasheet HTML 1Page - Semtech Corporation UR7HCTS2-P840-FG Datasheet HTML 2Page - Semtech Corporation UR7HCTS2-P840-FG Datasheet HTML 3Page - Semtech Corporation UR7HCTS2-P840-FG Datasheet HTML 4Page - Semtech Corporation UR7HCTS2-P840-FG Datasheet HTML 5Page - Semtech Corporation UR7HCTS2-P840-FG Datasheet HTML 6Page - Semtech Corporation UR7HCTS2-P840-FG Datasheet HTML 7Page - Semtech Corporation UR7HCTS2-P840-FG Datasheet HTML 8Page - Semtech Corporation UR7HCTS2-P840-FG Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
FUNCTIONAL DESCRIPTION
Copyright ©1999-2001 Semtech Corporation
DOC7-TS2-P840-DS-106
www.semtech.com
4
The ScreenCoderTM UR7HCTS2-P840 consists functionally of six major sections (see the Functional Diagram on
page 2). These are the Sensor Interface, Power Management section, the 16-Bit Timer, the Oscillator Circuit, the
PS/2 Communication Port and the 8042 Emulation Port. All sections communicate with each other and
operate concurrently.
To obtain position information from
the Resistive Touch Screen Sensor,
the ScreenCoderTM PS2 uses four
internal drivers (two pins for each
driver) and four sensing lines.
During sampling, first the drivers
and sensing lines for X axis are
activated, by setting one X driver
high and the other X driver low;
the drivers for Y axis are set
floating. This action produces a
voltage gradient across the touch
screen's surface in the X direction.
The internal A/D measures both the
voltage across the activated X
plane and the voltage potential
between the planes. Next, the
drivers for the Y axis are activated,
while the drivers for the X axis are
set floating. Again, the internal A/D
measures both voltage across the
activated plane and potential
between the planes. The X and Y
absolute position information is
calculated from these four A/D
measurements.
Before the measurement of X
and Y positions, the ScreenCoderTM
PS2 checks if there is any touch
pressure applied to the sensor.
Proprietary touch detection
algorithm performs this test very
quickly, accommodating sensors
with various plate-to-plate
capacitances. Actual
measurements are somewhat more
complex and are covered by a US
and international patent currently
pending.
This IC has a built-in Oscillator circuit capable of operations with an
external 4.00 MHz Clock source, or a Ceramic Resonator (preferably with
built-in Load Capacitors). Note that the Crystals can NOT be used. The
ScreenCoderTM PS2 frequently switches its Oscillator OFF and ON in order
to operate with the least amount of power consumption. Due to their very
high Q, the Crystal-based oscillators have exceedingly long Start-up times
and can NOT be used with the ScreenCoderTM PS2.
SENSOR INTERFACE
OSCILLATOR
At start-up, or upon receiving a reset command, the UR7HCTS2-P840 will
wait between 300 and 500 milliseconds before sending an AAh to the Host
followed by a device ID of 00h. The IC will then set itself to its default
values (i.e., Incremental Stream Mode with 1:1 scaling, and a report
rate of 100 Hz). The device will then disable itself until an Enable (F4h)
command is sent from the Host.
PS/2 COMMUNICATION
For every correct command or parameter received from the Host, the
UR7HCTS2-P840 sends an Acknowledge (FAh). If an invalid command or
parameter is received, the UR7HCTS2-P840 issues a Resend Request
(FEh). If an invalid input is again received, the device transmits an Error
Code (FCh) to the Host.
Both Error and Resend Request responses are sent by the device within 25
milliseconds. Host may not issue any new commands until either the
ScreenCoderTM PS2 has responded or until 25 milliseconds have elapsed.
ERROR HANDLING
POWER MANAGEMENT
The ScreenCoderTM PS2 implements two power management methods:
Self-Power ManagementTM and System-coordinated Power Management.
Self-Power Management
Self-Power ManagementTM of the ScreenCoderTM PS2 permits,
independently of any system intervention, the lowest power consumption
possible within the present parameters and conditions of operation.
Through Self-Power ManagementTM, the ScreenCoderTM PS2 is capable of
operating - most of the time - at only 1uA, independently of the state of the
system.


Similar Part No. - UR7HCTS2-P840-FG

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
UR7HCTS2-S840-FG SEMTECH-UR7HCTS2-S840-FG Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
UR7HCTS2-U860 SEMTECH-UR7HCTS2-U860 Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
UR7HCTS2-U860-DR SEMTECH-UR7HCTS2-U860-DR Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
More results

Similar Description - UR7HCTS2-P840-FG

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
UR7HCTS2-U860 SEMTECH-UR7HCTS2-U860 Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ACP-REEL7 AD-AD7873ACP-REEL7 Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873 AD-AD7873 Datasheet
657Kb / 28P
   Touch Screen Digitizer
Rev. D
AD7843 AD-AD7843 Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7873ARQZ AD-AD7873ARQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7843 AD-AD7843_17 Datasheet
304Kb / 21P
   Touch Screen Digitizer
AD7843 AD-AD7843_15 Datasheet
480Kb / 21P
   Touch Screen Digitizer
REV. B
AD7843ARUZ AD-AD7843ARUZ Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com