Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDMB100A6 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PDMB100A6
Description  100A 600V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PDMB100A6 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PDMB100A6 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PDMB100A6 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PDMB100A6 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PDMB100A6 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
─ 381 ─
■最大定格 Maximum Ratings(TC=25℃)
項   目
Item
記号
Symbol
定 格 値
Rated Value
単位
Unit
コレクタ・エミッタ間電圧
Collector-Emitter Voltage
VCES
600
V
ゲート・エミッタ間電圧
Gate-Emitter Voltage
VGES
±20
V
コレクタ電流
Collector Current
IC
100
A
コレクタ損失
Collector Power Dissipation
PC
400
W
接合温度
Junction Temperature Range
Tj
−40∼+150
保存温度
Storage Temperature Range
Tstg
−40∼+125
絶縁耐圧
(端子−ベース間,AC1分間)
Isolation Voltage(Terminal to Base, AC1min.)
Viso
2500
V
(RMS)
締付トルク
Mounting Torque
Ftor
2(20.4)
N・m
(kgf・cm)
200
DC
1ms
ベース取付部
Module Base to Heatsink
端子部
Busbar to Terminal
ICP
項   目
Characteristic
記号
Symbol
条   件
Test Conditions
最小
Min.
単位
Unit
コレクタ遮断電流
Collector-Emitter Cut-Off Current
ICES
VCE=600V, VGE=0V
1.0
mA
ゲート漏れ電流
Gate-Emitter Leakage Current
IGES
VGE=±20V, VCE=0V
500
nA
■電気的特性 Electrical Characteristics(TC=25℃)
コレクタ・エミッタ間飽和電圧
Collector-Emitter Saturation Voltage
VCE
(sat)
IC=100A, VGE=15V
2.1
2.6
V
ゲートしきい値電圧
Gate-Emitter Threshold Voltage
VGE
(th)
VCE=5V, IC=100mA
4.0
8.0
V
入力容量
Input Capacitance
Cies
VCE=10V, VGE=0V, f=1MHz
10000
pF
tf
0.2
0.35
toff
0.45
0.7
スイッチング時間
Switching Time
tr
VCC=300V
RL=3Ω
RG=7.5Ω
VGE=±15V
0.15
0.3
μs
ton
0.25
0.4
下降時間
Fall Time
ターン・オフ時間
Turn-Off Time
上昇時間
Rise Time
ターン・オン時間
Turn-On Time
IGBT
100 A
600 V
PDMB100A6
■回路図 CIRCUIT
■外形寸法図 OUTLINE DRAWING (単位 Dimension:mm)
C2E1
C1
G2
E2
E2
G1
E1
最大
Max.
標準
Typ.


Similar Part No. - PDMB100A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDMB100A6 NIEC-PDMB100A6 Datasheet
110Kb / 3P
   IGBT MODULE Dual 100A 600V
More results

Similar Description - PDMB100A6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCHMB100A6 NIEC-PCHMB100A6_1 Datasheet
114Kb / 3P
   100A 600V
PRHMB100A6A NIEC-PRHMB100A6A_1 Datasheet
115Kb / 3P
   100A 600V
logo
National Instruments Co...
PBMB100E6 NI-PBMB100E6_15 Datasheet
265Kb / 4P
   100A, 600V
logo
Nihon Inter Electronics...
PCHMB100A6A NIEC-PCHMB100A6A_1 Datasheet
126Kb / 3P
   100A 600V
PRHMB100A6 NIEC-PRHMB100A6_1 Datasheet
115Kb / 3P
   100A 600V
logo
Fuji Electric
7MBR100SB060 FUJI-7MBR100SB060 Datasheet
569Kb / 7P
   IGBT(600V/100A)
7MBI100N-060 FUJI-7MBI100N-060 Datasheet
199Kb / 8P
   IGBT(600V/100A)
logo
MacMic
MMG100HB060B6EN MACMIC-MMG100HB060B6EN Datasheet
313Kb / 6P
   600V 100A IGBT Module
logo
Littelfuse
MG06100S-BN4MM LITTELFUSE-MG06100S-BN4MM Datasheet
1Mb / 5P
   600V 100A IGBT Module
logo
MacMic
MMG100W060XB6EN MACMIC-MMG100W060XB6EN Datasheet
434Kb / 9P
   600V 100A PIM Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com