Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL4340 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL4340
Description  500MHz Triple, Multiplexing Amplifiers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4340 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL4340 Datasheet HTML 5Page - Intersil Corporation EL4340 Datasheet HTML 6Page - Intersil Corporation EL4340 Datasheet HTML 7Page - Intersil Corporation EL4340 Datasheet HTML 8Page - Intersil Corporation EL4340 Datasheet HTML 9Page - Intersil Corporation EL4340 Datasheet HTML 10Page - Intersil Corporation EL4340 Datasheet HTML 11Page - Intersil Corporation EL4340 Datasheet HTML 12Page - Intersil Corporation EL4340 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
FN7421.3
October 18, 2010
Figure 20A illustrates the optimum output load for testing AC
performance. Figure 20B illustrates the optimun output load
when connecting to 50
Ω input terminated equipment.
Application Information
General
The EL4340, EL4342 triple 2:1 and 4:1 MUX amps are ideal
as the matrix element of high performance switchers and
routers. Key features include buffered high impedance
analog inputs and excellent AC performance at output loads
down to 150
Ω for video cable-driving. The unity-gain current
feedback output amplifiers are stable operating into
capacitive loads and bandwidth is optimized with a load of
5pF in parallel with a 500
Ω. Total output capacitance can be
split between the PCB capacitance and an external load
capacitor.
Ground Connections
For the best isolation and crosstalk rejection, all GND pins
and NIC pins must connect to the GND plane.
Control Signals
S0, S1, ENABLE, LE, HIZ - These are binary coded,
TTL/CMOS compatible control inputs. The S0, S1 pins select
the inputs. All three amplifiers are switched simultaneously
from their respective inputs. The ENABLE, LE, HIZ pins are
used to disable the part to save power, latch in the last logic
state and three-state the output amplifiers, respectively. For
control signal rise and fall times less than 10ns the use of
termination resistors close to the part will minimize transients
coupled to the output.
Power-up Considerations
The ESD protection circuits use internal diodes from all pins
the V+ and V- supplies. In addition, a dV/dT- triggered clamp
is connected between the V+ and V- pins, as shown in the
Equivalent Circuits 1 through 4 section of the Pin Description
table. The dV/dT triggered clamp imposes a maximum
supply turn-on slew rate of 1V/µs. Damaging currents can
flow for power supply rates-of-rise in excess of 1V/µs, such
as during hot plugging. Under these conditions, additional
methods should be employed to ensure the rate of rise is not
exceeded.
Consideration must be given to the order in which power is
applied to the V+ and V- pins, as well as analog and logic
input pins. Schottky diodes (Motorola MBR0550T or
equivalent) connected from V+ to ground and V- to ground
(Figure 21) will shunt damaging currents away from the
internal V+ and V- ESD diodes in the event that the V+
supply is applied to the device before the V- supply.
If positive voltages are applied to the logic or analog video
input pins before V+ is applied, current will flow through the
internal ESD diodes to the V+ pin. The presence of large
decoupling capacitors and the loading effect of other circuits
connected to V+, can result in damaging currents through
the ESD diodes and other active circuits within the device.
Therefore, adequate current limiting on the digital and
analog inputs is needed to prevent damage during the time
the voltages on these inputs are more positive than V+.
AC Test Circuits
FIGURE 20A. TEST CIRCUIT WITH OPTIMAL OUTPUT LOAD
FIGURE 20B. TEST CIRCUIT FOR MEASURING WITH 50Ω OR
75Ω INPUT TERMINATED EQUIPMENT
FIGURE 20C. BACKLOADED TEST CIRCUIT FOR VIDEO CABLE
APPLICATION. BANDWIDTH AND LINEARITY
FOR RL LESS THAN 500Ω WILL BE DEGRADED.
FIGURE 20. TEST CIRCUITS
EL4340, EL4342
CL
50Ω
VIN
500Ω
RL
5PF
OR
75Ω
EL4340, EL4342
RS
CL
VIN
475Ω
TEST
5PF
50Ω
OR
75Ω
50Ω
OR
75Ω
50Ω
OR
75Ω
EQUIPMENT
EL4340, EL4342
RS
CL
VIN
50Ω OR 75Ω
TEST
5pF
50Ω
OR
75Ω
50Ω
OR
75Ω
EQUIPMENT
V+
V+
V-
V-
V+
V-
V+
V-
LOGIC
CONTROL
GND
IN0
IN1
S0
OUT
EXTERNAL
CIRCUITS
SCHOTTKY
PROTECTION
V+
V-
POWER
GND
SIGNAL
LOGIC
V+ SUPPLY
V- SUPPLY
DE-COUPLING
CAPS
FIGURE 21. SCHOTTKY PROTECTION CIRCUIT
EL4340, EL4342


Similar Part No. - EL4340

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4340 INTERSIL-EL4340 Datasheet
882Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340 INTERSIL-EL4340 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4340 INTERSIL-EL4340 Datasheet
812Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340IU INTERSIL-EL4340IU Datasheet
882Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
More results

Similar Description - EL4340

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL4340 RENESAS-EL4340 Datasheet
998Kb / 14P
   500MHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
EL4342 INTERSIL-EL4342 Datasheet
882Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
EL4340IUZ INTERSIL-EL4340IUZ Datasheet
812Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
October 18, 2010
EL4340 INTERSIL-EL4340_06 Datasheet
883Kb / 13P
   500MHz Triple, Multiplexing Amplifiers
ISL59481 INTERSIL-ISL59481 Datasheet
515Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59483 RENESAS-ISL59483 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59482 INTERSIL-ISL59482 Datasheet
680Kb / 14P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59481 RENESAS-ISL59481 Datasheet
932Kb / 12P
   Dual, 500MHz Triple, Multiplexing Amplifiers
ISL59482 RENESAS-ISL59482 Datasheet
1Mb / 15P
   Dual, 500MHz Triple, Multiplexing Amplifiers
logo
Intersil Corporation
ISL59483 INTERSIL-ISL59483_07 Datasheet
1Mb / 17P
   Dual, 500MHz Triple, Multiplexing Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com