Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UR5HCFJL-FB Datasheet(PDF) 2 Page - Semtech Corporation

Part # UR5HCFJL-FB
Description  Zero-PowerTM Keyboard Encoder for Portable Systems
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

UR5HCFJL-FB Datasheet(HTML) 2 Page - Semtech Corporation

  UR5HCFJL-FB Datasheet HTML 1Page - Semtech Corporation UR5HCFJL-FB Datasheet HTML 2Page - Semtech Corporation UR5HCFJL-FB Datasheet HTML 3Page - Semtech Corporation UR5HCFJL-FB Datasheet HTML 4Page - Semtech Corporation UR5HCFJL-FB Datasheet HTML 5Page - Semtech Corporation UR5HCFJL-FB Datasheet HTML 6Page - Semtech Corporation UR5HCFJL-FB Datasheet HTML 7Page - Semtech Corporation UR5HCFJL-FB Datasheet HTML 8Page - Semtech Corporation UR5HCFJL-FB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
FUNCTIONAL DIAGRAM
ORDERING CODE
Copyright Semtech, 1997-2001
DOC5-FJL-DS-106
www.semtech.com
2
XX = 16 for FKB7136,06 for FKB1406 matrix compatibility
Data Buffer
Interrupt Control
PC
Communication
Channel
8042 Emulation
(External Keyboard)
Communication
Channel
EKC1
KC
KD
EKC
EKD
Keyboard Encoder
Mode Control
Status LEDs
Row Data Inputs
Column Select
Ouputs
NL/CL/SL
3
8
16
DRV
16-Bit Timer
C0-C15
R0-R7
Package options
40-pin Plastic DIP
44-pin, Plastic PLCC
44-pin, Plastic QFP
Pitch In mm’s
2 54 mm
1.27 mm
0.8 mm
TA = -40°C to +85°C
UR5HCFJL-XX-P
UR5HCFJL-XX-FN
UR5HCFJL-XX-FB


Similar Part No. - UR5HCFJL-FB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR5HCFJ8 SEMTECH-UR5HCFJ8 Datasheet
195Kb / 16P
   Low-Power Keyboard Encoder for Portable Systems
UR5HCFJ8-FB SEMTECH-UR5HCFJ8-FB Datasheet
195Kb / 16P
   Low-Power Keyboard Encoder for Portable Systems
UR5HCFJ8-FN SEMTECH-UR5HCFJ8-FN Datasheet
195Kb / 16P
   Low-Power Keyboard Encoder for Portable Systems
UR5HCFJ8-P SEMTECH-UR5HCFJ8-P Datasheet
195Kb / 16P
   Low-Power Keyboard Encoder for Portable Systems
More results

Similar Description - UR5HCFJL-FB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR5HCSPI-06 SEMTECH-UR5HCSPI-06 Datasheet
142Kb / 20P
   Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs
UR5HCFJ8 SEMTECH-UR5HCFJ8 Datasheet
195Kb / 16P
   Low-Power Keyboard Encoder for Portable Systems
UR5HCSPI-FB SEMTECH-UR5HCSPI-FB Datasheet
126Kb / 20P
   Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs
logo
Holtek Semiconductor In...
HT6547C HOLTEK-HT6547C Datasheet
1,008Kb / 20P
   KEYBOARD ENCODER FOR WINDOWS95
logo
ELAN Microelectronics C...
EM83049 EMC-EM83049 Datasheet
96Kb / 17P
   KEYBOARD ENCODER
EM83050H EMC-EM83050H Datasheet
116Kb / 20P
   KEYBOARD ENCODER
EKK8301 EMC-EKK8301 Datasheet
566Kb / 30P
   Keyboard Encoder
EM83053A EMC-EM83053A Datasheet
210Kb / 24P
   KEYBOARD ENCODER
EM83055H EMC-EM83055H Datasheet
197Kb / 22P
   KEYBOARD ENCODER
logo
List of Unclassifed Man...
SC83053 ETC-SC83053 Datasheet
483Kb / 27P
   KEYBOARD ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com