Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA30H0608M-101 Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # RA30H0608M-101
Description  66-88MHz 30W 12.5V, 2 stage Amp. for MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA30H0608M-101 Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

  RA30H0608M-101 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA30H0608M-101 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA30H0608M-101 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA30H0608M-101 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA30H0608M-101 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA30H0608M-101 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA30H0608M-101 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA30H0608M-101 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA30H0608M-101 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Silicon RF Power Semiconductors
RoHS COMPLIANCE
RA30H0608M
RA30H0608M
24 Jun 2010
6/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
1 RF Input (Pin)
2 Gate Voltage (VGG)
3 Drain Voltage (VDD)
4 RF Output (Pout)
5 RF Ground (Case)
TEST BLOCK DIAGRAM
EQUIVALENT CIRCUIT
EQUIVALENT CIRCUIT
C1, C2: 4700pF, 22uF in parallel
Directional
Coupler
Attenuator
Power
Meter
Spectrum
Analyzer
Signal
Generator
Attenuator
Pre-
amplifier
Power
Meter
Directional
Coupler
DUT
5
4
3
2
1
ZG=50Ω
ZL=50Ω
C1
C2
-
+
DC Power
Supply VGG
+
-
DC Power
Supply VDD
Attenuator
EQUIVALENT CIRCUIT
2
3
1
5
4


Similar Part No. - RA30H0608M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H0608M-101 MITSUBISHI-RA30H0608M-101 Datasheet
229Kb / 8P
   RoHS Compliance , 66-88MHz 30W 12.5V, 2 stage Amp. for MOBILE RADIO
RA30H0608M-101 MITSUBISHI-RA30H0608M-101 Datasheet
177Kb / 9P
   RoHS Compliance , 66-88MHz 30W 12.5V, 2 stage Amp. for MOBILE RADIO
More results

Similar Description - RA30H0608M-101

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA30H0608M MITSUBISHI-RA30H0608M_06 Datasheet
229Kb / 8P
   RoHS Compliance , 66-88MHz 30W 12.5V, 2 stage Amp. for MOBILE RADIO
RA30H0608M MITSUBISHI-RA30H0608M_11 Datasheet
177Kb / 9P
   RoHS Compliance , 66-88MHz 30W 12.5V, 2 stage Amp. for MOBILE RADIO
RA30H0608M MITSUBISHI-RA30H0608M Datasheet
57Kb / 9P
   68-88MHz 30W 12.5V MOBILE RADIO
RA30H1317M1 MITSUBISHI-RA30H1317M1_10 Datasheet
157Kb / 10P
   135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
RA30H1721M MITSUBISHI-RA30H1721M_10 Datasheet
91Kb / 9P
   175-215MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1_10 Datasheet
191Kb / 9P
   400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H2127M MITSUBISHI-RA30H2127M_10 Datasheet
90Kb / 9P
   210-270MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4552M1 MITSUBISHI-RA30H4552M1_10 Datasheet
193Kb / 10P
   450-520MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H4047M1 MITSUBISHI-RA30H4047M1_08 Datasheet
157Kb / 9P
   400-470MHz 30W 12.5V, 2 Stage Amp. For MOBILE RADIO
RA30H1317M MITSUBISHI-RA30H1317M_10 Datasheet
92Kb / 9P
   135-175MHz 30W 12.5V 2 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com