Part Name
         Description
UR5HCSPI-FB

 Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs ( 20 Page)


SEMTECH
100% 
Zoom Out Zoom In
 
 18 page
background image
SPICODERTM BILL OF MATERIALS
Copyright Semtech 1997-2001
DOC5-SPI-DS-117
www.semtech.com
18
UR5HCSPI-FB
Quantity
Manufacturer
Part#
Description
3
Generic
330 Ohms
330 Ohms Resistor
3
Generic
LED
Led used as LED1. LED2. LED3
3
Generic
15 K
15 K Resistors
1
Generic
150 K
150 K Resistors
1
Generic
1M
1M Resistors
2
Generic
1.5 K
1.5 K Resistors
1
TELCOM
TC54VC4302ECB713
IC Volt Detector CMOS 4.3V SOT23, for 5V Operation
TC54VC2702ECB713
IC Volt Detector CMOS 2.7V SOT23, for 3.3V Operation
1
AVX
PBRC-2.00BR
2.00MHZCeramic Resonator with Built in Capacitors, SMT
Revised 7/14/99



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UR5HCSPI-06Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs 1 2 3 4 5 MoreSemtech Corporation
UR5HCFJLZero-PowerTM Keyboard Encoder for Portable Systems 1 2 3 4 5 MoreSemtech Corporation
TPS65022POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65013POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
AT73C213Power Management for Mobiles PM / Audio Interface for Portable Handsets 1 2 3 4 5 MoreATMEL Corporation
BH6038KNPower Management for Cellular Phone 1 2 3 4 5 MoreRohm
TPS65520POWER MANAGEMENT IC FOR DIGITAL STILL CAMERA 1 2 3 4 5 MoreTexas Instruments
AT73C203Power Management IC for Datacom Platforms 1 2 3 ATMEL Corporation
AT73C202Power Management for Mobiles PM 1 2 3 ATMEL Corporation
MIMD10ADUAL PRE-BIASED TRANSISTORS FOR POWER MANAGEMENT 1 2 3 Diodes Incorporated

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl