Part Name
         Description
UR5HCSPI-FB

 Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs ( 20 Page)


SEMTECH
100% 
Zoom Out Zoom In
 
 17 page
background image
ELECTRICAL SPECIFICATIONS
Copyright Semtech 1997-2001
DOC5-SPI-DS-117
www.semtech.com
17
Absolute Maximum Ratings
Ratings
Symbol
Value
Unit
Supply Voltage
Vdd
-0.3 to +7.0
V
Input Voltage
Vin
Vss -0.3 to Vdd +0.3
V
Current Drain per Pin
I
25
mA
(not including Vss or Vdd)
Operating Temperature
Ta
T low to T high
° C
UR5HCSPI
-40 to +85
Storage Temperature Range
Tstg -
-65 to +150
° C
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Thermal Resistance
Tja
°C per W
Plastic
60
PLCC
70
DC Electrical Characteristics (Vdd=3.3 Vdc +/-10%, Vss=0 Vdc, Temperature range=T low to T high unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (I load<10µA)
Vol
0.1
V
Voh
Vdd–0.1
Output High Voltage (I load=0.8mA)
Voh
Vdd–0.8
V
Output Low Voltage (I load=1.6mA)
Vol:
0.4
V
Input High Voltage
Vih
0.7xVdd
Vdd
V
Input Low Voltage
Vil
Vss
0.2xVdd
V
User Mode Current
Ipp
5
10
mA
Data Retention Mode (0 to 70°C)
Vrm
2.0
V
Supply Current (Run)
Idd
1.53
3.0
mA
(Wait)
0.711
1.0
mA
(Stop)
2.0
20
µA
I/O Ports Hi-Z Leakage Current
Iil
+/-10
µA
Input Current
Iin
+/- 1
µA
I/O Port Capacitance
Cio
8
12
pF
Control Timing (Vdd=3.3 Vdc +/-10%, Vss=0 Vdc, Temperature range=T low to T high unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
Frequency of Operation
fosc
MHz
Crystal Option
2.0
External Clock Option
dc
2.0
Cycle Time
tcyc
1000
ns
Crystal Oscillator Startup Time
toxov
100
ms
Stop Recovery Startup Time
tilch
100
ms
RESET Pulse Width
trl
8
tcyc
Interrupt Pulse Width Low
tlih
250
ns
Interrupt Pulse Period
tilil
*
tcyc
OSC1 Pulse Width
toh, tol
200
ns
*The minimum period tlil should not be less than the number of cycle times it takes to execute the interrupt service routine plus 21 tcyc.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UR5HCSPI-06Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs 1 2 3 4 5 MoreSemtech Corporation
UR5HCFJLZero-PowerTM Keyboard Encoder for Portable Systems 1 2 3 4 5 MoreSemtech Corporation
TPS65022POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65013POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
AT73C213Power Management for Mobiles PM / Audio Interface for Portable Handsets 1 2 3 4 5 MoreATMEL Corporation
BH6038KNPower Management for Cellular Phone 1 2 3 4 5 MoreRohm
TPS65520POWER MANAGEMENT IC FOR DIGITAL STILL CAMERA 1 2 3 4 5 MoreTexas Instruments
AT73C203Power Management IC for Datacom Platforms 1 2 3 ATMEL Corporation
AT73C202Power Management for Mobiles PM 1 2 3 ATMEL Corporation
MIMD10ADUAL PRE-BIASED TRANSISTORS FOR POWER MANAGEMENT 1 2 3 Diodes Incorporated

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl