Part Name
         Description
UR5HCSPI-FB

 Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs ( 20 Page)


SEMTECH
100% 
Zoom Out Zoom In
 
 16 page
background image
IMPLEMENTATION NOTES FOR THE UR5HCSPI
Copyright Semtech 1997-2001
DOC5-SPI-DS-117
www.semtech.com
16
The following notes pertain to the suggested schematic found on the
previous page.
The Built-in Oscillator on the UR5HCSPI-06 requires the attachment of the
2.00 MHz Ceramic Resonators with built-in Load Capacitors.. You can use
either an AVX, part number PBRC-2.00 BR; or a Murata part number
CSTCC2.00MG ceramic resonator.
It may also be possible to operate with the 2.00 MHz Crystal, albeit with
reduced performance. Due to their high Q, the Crystal oscillator circuits
start-up slowly. Since the SPICoderTM constantly switches the clock on and
off, it is important that the Ceramic Resonator is used (it starts up much
quicker than the Crystal). Resonators are also less expensive than Crystals.
Also, if Crystal is attached, two Load Capacitors (33pF to 47pF) should be
added, a Capacitor between each side of the Crystal and ground.
In both cases, using Ceramic Resonator with built-in Load Capacitors, or
Crystal with external Load Capacitors, a feedback Resistor of 1 Meg should
be connected between OSCIN and OSCOUT.
Troubleshoot the circuit by looking at the Output pin of the Oscillator. If the
voltage is half-way between Supply and Ground (while the Oscillator should
be running) --- the problem is with the Load Caps / Crystal. If the voltage is
all the way at Supply or Ground (while the Oscillator should be running) ---
there are shorts on the PCB.
Note: When the Oscillator is intentionally turned OFF, the voltage on the
Output pin of the Oscillator is High (at the Supply rail).



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UR5HCSPI-06Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs 1 2 3 4 5 MoreSemtech Corporation
UR5HCFJLZero-PowerTM Keyboard Encoder for Portable Systems 1 2 3 4 5 MoreSemtech Corporation
TPS65022POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65013POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
AT73C213Power Management for Mobiles PM / Audio Interface for Portable Handsets 1 2 3 4 5 MoreATMEL Corporation
BH6038KNPower Management for Cellular Phone 1 2 3 4 5 MoreRohm
TPS65520POWER MANAGEMENT IC FOR DIGITAL STILL CAMERA 1 2 3 4 5 MoreTexas Instruments
AT73C203Power Management IC for Datacom Platforms 1 2 3 ATMEL Corporation
AT73C202Power Management for Mobiles PM 1 2 3 ATMEL Corporation
MIMD10ADUAL PRE-BIASED TRANSISTORS FOR POWER MANAGEMENT 1 2 3 Diodes Incorporated

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl