Part Name
         Description
UR5HCSPI-FB

 Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs ( 20 Page)


SEMTECH
100% 
Zoom Out Zoom In
 11 page
background image
COMMUNICATION PROTOCOL
Copyright Semtech 1997-2001
DOC5-SPI-DS-117
www.semtech.com
11
There are eight commands that may be sent from the UR5HCSPI to the host, and ten commands that may be sent
from the host to the UR5HCSPI.
Each command from UR5HCSPI to the host is composed of a sequence of codes. All commands start with
<CONTROL> code (80H) and end with LRC code (see the description of the LRC calculation on page 12).
Command details are listed below.
Commands to the Host - Summary
Command Name
Code
Description
Initialize Request
AOH
Sent to the host when the data buffer is full
Initialize Complete
A1H
Issued upon completion of the “Initialize” command issued by the host
Heartbeat Response
A2H
Response to “Heartbeat Request” issued by the host
Identification Response
F2H
Response to “Identification Request” issued by the host
LED Status Report
A3H
Response to “LED Status Request”
Resend Request
A5H
Issued upon error during the reception of a packet
Initialize Request
<CONTROL>
80H
<INIT>
A0H
<LRC>
20H
The UR5HCSPI will send the Initialize Request Command to the host when
its data buffer is full.
Initialization Complete
<CONTROL>
80H
<INIT COMPLETE>
A1H
<LRC>
21H
The UR5HCSPI wil send the Initialize Complete Report to the host when it
finishes the initialization caused by Initialize Command from the host.
Heartbeat Response
<CONTROL>
80H
<ONLINE>
A2H
<LRC>
22H
The UR5HCSPI will send the Heartbeat Response to the host when it
receives the Heartbeat Request Command from the host.
Identification Response
<CONTROL>
80H
<ID>
F2H
<Vendor>
02H
--- USAR
<Revision>
08H
--- Rev 0.8A
<Switch>
00H
.
<LRC>
7EH
The UR5HCSPI will send the Identification Response to the host when it
receives the Identification Request Command from the host.
The LRC is calculated for the
whole packet, including the
Command Code and the
Command Prefix. The LRC is
calculated by first taking the
bitwise exclusive OR of all bytes
from the message. If the most
significant bit (MSB) of the LRC is
set, the LRC is modified by
clearing the MSB and changing the
state of the next most significant
bit. Thus, the Packet Check Byte
will never consist of a valid LRC
with the most significant bit set.
LRC CALCULATION
COMMANDS TO THE HOST ANALYTICALLY



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UR5HCSPI-06Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs 1 2 3 4 5 MoreSemtech Corporation
UR5HCFJLZero-PowerTM Keyboard Encoder for Portable Systems 1 2 3 4 5 MoreSemtech Corporation
TPS65022POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65013POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
AT73C213Power Management for Mobiles PM / Audio Interface for Portable Handsets 1 2 3 4 5 MoreATMEL Corporation
BH6038KNPower Management for Cellular Phone 1 2 3 4 5 MoreRohm
TPS65520POWER MANAGEMENT IC FOR DIGITAL STILL CAMERA 1 2 3 4 5 MoreTexas Instruments
AT73C203Power Management IC for Datacom Platforms 1 2 3 ATMEL Corporation
AT73C202Power Management for Mobiles PM 1 2 3 ATMEL Corporation
MIMD10ADUAL PRE-BIASED TRANSISTORS FOR POWER MANAGEMENT 1 2 3 Diodes Incorporated

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl