Part Name
         Description
UR5HCSPI-FB

 Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs ( 20 Page)


SEMTECH
100% 
Zoom Out Zoom In
 
 1 page
background image
SPICoderTM UR5HCSPI
Zero-PowerTM Keyboard Encoder &
Power Management IC for H/PCs
SPICoder is a trademark of Semtech Corp. All
other trademarks belong to their respective
companies.
Copyright Semtech 1997-2001
DOC5-SPI-DS-117
www.semtech.com
1
HID & SYSTEM MANAGEMENT PRODUCTS, H/PC IC FAMILY
DESCRIPTION
FEATURES
• StrongARMTM Handheld PCs
• Windows CE® Platforms
• Web Phones
• Personal Digital Assistants (PDAs)
• Wearable Computers
• Internet Appliance
The SPICoderTM UR5HCSPI
keyboard encoder and power
management IC is designed
specifically for handheld PCs
(H/PCs). The off-the-shelf
UR5HCSPI will readily work with
CPUs designed for Windows CE®,
saving OEMs significant
development time and money as
well as minimizing time-to-market for
the new generations of handheld
products.
Three main design features of the
UR5HCSPI make it the ideal
companion for the new generation
of Windows CE® -compatible,
single-chip computers: low-power
consumption; real estate-saving
size; and special keyboard modes.
“Quasi” Zero-PowerTM consumption
(less than 2µA @ 3V), a must for
H/PCs, provides the host system
with both power management and
I/O flexibility, with almost no battery
drainage.
Finally, special keyboard modes
and built-in power management
features allow the SPICoderTM to
operate in harmony with the power
management modes of Windows
CE®, resulting in more user flexibility
and longer battery life.
The UR5HCSPI also offers
programmable features for wake-up
keys and general purpose I/O pins.
• Compatible with “system-on silicon”
CPUs for H/PCs
• Special keyboard and power
management modes for H/PCs,
including programmable “wake-up”
keys
• Scans, debounces, and encodes
an 8 x 12 matrix and controls
discrete switches and LED
indicators
• Custom versions available
• SPI-compatible keyboard encoder
and power management IC with
other interfaces available
• Compatible with Windows CE®
keyboard specification
• Zero-PowerTM — typically
consuming less than 2µA,
between 3-5V
• Offers overall system power
management capabilities
111
12
22
33
23
44
34
_PWR_OK
NC0
OSCO
OSCI
Vcc
NC
NC
_RESET
_WKU
Vx
C7
NC
LED2
LED1
LED0
_IOTEST
Vss
NC
R7
R6
R5
R4
QFP
UR5HCSPI-FB
C5
C4
C3
C2
C1
C0
R0
R1
R2
R3
R4
_PWR_OK
_ATN
_SS
SCK
MOSI
MISO
XSW
SW0
C8
C9
C10/WUKO
40
1
6
7
12
17
18
23
28
29
34
39
UR5HCSPI-FN
PLCC
APPLICATIONS
PIN ASSIGNMENTS



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UR5HCSPI-06Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs 1 2 3 4 5 MoreSemtech Corporation
UR5HCFJLZero-PowerTM Keyboard Encoder for Portable Systems 1 2 3 4 5 MoreSemtech Corporation
TPS65022POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65013POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
AT73C213Power Management for Mobiles PM / Audio Interface for Portable Handsets 1 2 3 4 5 MoreATMEL Corporation
BH6038KNPower Management for Cellular Phone 1 2 3 4 5 MoreRohm
TPS65520POWER MANAGEMENT IC FOR DIGITAL STILL CAMERA 1 2 3 4 5 MoreTexas Instruments
AT73C203Power Management IC for Datacom Platforms 1 2 3 ATMEL Corporation
AT73C202Power Management for Mobiles PM 1 2 3 ATMEL Corporation
MIMD10ADUAL PRE-BIASED TRANSISTORS FOR POWER MANAGEMENT 1 2 3 Diodes Incorporated

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl