Part Name
         Description
UR5HCSPI-FB

 Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs ( 20 Page)


SEMTECH
100% 
Zoom Out Zoom In
 9 page
background image
SPI COMMUNICATION CHANNEL
Copyright Semtech 1997-2001
DOC5-SPI-DS-117
www.semtech.com
9
SPI data transfers can be performed at a maximum clock rate of 500 KHz. When the UR5HCSPI asserts the _ATN
signal to the host Master, the data will have already been loaded into the data register waiting for the clocks from
the master. The Slave Select (SS) line can be tied permanently to Ground if the UR5HCSPI is the only slave device
in the SPI network. One _ATN signal is used per each byte transfer. If the host fails to provide clock signals for
successive bytes in the data packet within 120 mS, the transmission will be aborted and a new session will be
initiated by asserting a new ATN signal. In this case, the whole packet will be re-transmitted.
If the SPI transmission fails 20 times consecutively, the synchronization between the master and slave may be lost.
In this case, the UR5HCSPI will enter the reset state.
The UR5HCSPI implements the SPI communication protocol according to the following diagram:
CPOL = 0 ---------- SCK line idles in low state
CPHA = 1 ---------- SS line is an output enable control
Figure 5: Transmitting Data Waveforms:
Figure 6: Receiving Data Waveforms
Figure 4: SPI Communication Protocol
When the host sends commands to the keyboard, the UR5HCSPI requires that the minimum and maximum
intervals between two successive bytes be 200 µS and 5 mS respectively.
SCK (CPOL=0)
_SS
DATA OUTPUT
(CPHA=1)
SAMPLE INPUT
?
MSB
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
LSB
_ATN SIGNAL



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UR5HCSPI-06Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs 1 2 3 4 5 MoreSemtech Corporation
UR5HCFJLZero-PowerTM Keyboard Encoder for Portable Systems 1 2 3 4 5 MoreSemtech Corporation
TPS65022POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65013POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
AT73C213Power Management for Mobiles PM / Audio Interface for Portable Handsets 1 2 3 4 5 MoreATMEL Corporation
BH6038KNPower Management for Cellular Phone 1 2 3 4 5 MoreRohm
TPS65520POWER MANAGEMENT IC FOR DIGITAL STILL CAMERA 1 2 3 4 5 MoreTexas Instruments
AT73C203Power Management IC for Datacom Platforms 1 2 3 ATMEL Corporation
AT73C202Power Management for Mobiles PM 1 2 3 ATMEL Corporation
MIMD10ADUAL PRE-BIASED TRANSISTORS FOR POWER MANAGEMENT 1 2 3 Diodes Incorporated

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl