Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RA18H1213G Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # RA18H1213G
Description  1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

RA18H1213G Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  RA18H1213G_10 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor RA18H1213G_10 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor RA18H1213G_10 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor RA18H1213G_10 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor RA18H1213G_10 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor RA18H1213G_10 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor RA18H1213G_10 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor RA18H1213G_10 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor RA18H1213G_10 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Silicon RF Power Semiconductors
RoHS COMPLIANCE
RA18H1213G
RA18H1213G
24 Jun 2010
3/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
TYPICAL PERFORMANCE (Tcase=+25°C, ZG=ZL=50Ω, unless otherwise specified)
OUTPUT POWER, TOTAL EFFICIENCY,
2nd, 3rd HARMONICS versus FREQUENCY
and INPUT VSWR versus FREQUENCY
OUTPUT POWER, POWER GAIN and
OUTPUT POWER, POWER GAIN and
DRAIN CURRENT versus INPUT POWER
DRAIN CURRENT versus INPUT POWER
OUTPUT POWER, POWER GAIN and
OUTPUT POWER and DRAIN CURRENT
DRAIN CURRENT versus INPUT POWER
versus DRAIN VOLTAGE
OUTPUT POWER and DRAIN CURRENT
OUTPUT POWER and DRAIN CURRENT
versus DRAIN VOLTAGE
versus DRAIN VOLTAGE
0
10
20
30
40
1220
1240
1260
1280
1300
1320
FREQUENCY f (MHz)
0
10
20
30
40
50
60
70
80
V
DD=12.5V
V
GG=5V
P
in=200m W
P
out
η
T
ρ
in
0
10
20
30
40
50
0
5
10
15
20
25
INPUT POWER Pin (dBm)
0
2
4
6
8
10
f=1240MHz
V
DD=12.5V
V
GG=5V
P
out
I DD
Gp
0
10
20
30
40
50
0
5
10
15
20
25
INPUT POWER Pin (dBm)
0
2
4
6
8
10
f=1270MHz
V
DD=12.5V
V
GG=5V
P
out
Gp
I DD
0
10
20
30
40
50
6
8
10
12
14
16
DRAIN VOLTAGE VDD (V)
0
2
4
6
8
10
P
out
f=1240MHz
V
GG=5V
P
in=200m W
I DD
-70
-60
-50
-40
-30
-20
1220
1240
1260
1280
1300
1320
FREQUENCY f (MHz)
V
DD=12.5V
V
GG=5V
P
in=200m W
3
rd
2
nd
0
10
20
30
40
50
0
5
10
15
20
25
INPUT POWER Pin (dBm)
0
2
4
6
8
10
f=1300MHz
V
DD=12.5V
V
GG=5V
P
out
Gp
I DD
0
10
20
30
40
50
6
8
10
12
14
16
DRAIN VOLTAGE VDD (V)
0
2
4
6
8
10
P
out
f=1270MHz
V
GG=5V
P
in=200m W
I DD
0
10
20
30
40
50
6
8
10
12
14
16
DRAIN VOLTAGE VDD (V)
0
2
4
6
8
10
P
out
f=1300MHz
V
GG=5V
P
in=200m W
I DD


Similar Part No. - RA18H1213G_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA18H1213G-101 MITSUBISHI-RA18H1213G-101 Datasheet
240Kb / 8P
   RoHS Compliance , 1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA18H1213G-101 MITSUBISHI-RA18H1213G-101 Datasheet
194Kb / 9P
   RoHS Compliance , 1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results

Similar Description - RA18H1213G_10

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
RA18H1213G MITSUBISHI-RA18H1213G Datasheet
96Kb / 9P
   1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA18H1213G MITSUBISHI-RA18H1213G_06 Datasheet
240Kb / 8P
   RoHS Compliance , 1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA18H1213G MITSUBISHI-RA18H1213G_11 Datasheet
194Kb / 9P
   RoHS Compliance , 1.24-1.30GHz 18W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4045MR MITSUBISHI-RA45H4045MR_10 Datasheet
93Kb / 9P
   400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H3847M MITSUBISHI-RA55H3847M_10 Datasheet
107Kb / 9P
   380-470MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA55H4452M MITSUBISHI-RA55H4452M_10 Datasheet
102Kb / 9P
   440-520MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4045MR MITSUBISHI-RA45H4045MR Datasheet
244Kb / 8P
   400-450MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA13H8891MB MITSUBISHI-RA13H8891MB_10 Datasheet
99Kb / 9P
   880-915MHz 13W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA45H4452M MITSUBISHI-RA45H4452M_10 Datasheet
101Kb / 9P
   440-520MHz 45W 12.5V, 3 Stage Amp. For MOBILE RADIO
RA30H3340M MITSUBISHI-RA30H3340M_10 Datasheet
134Kb / 8P
   330-400MHz 30W 12.5V, 3 Stage Amp. For MOBILE RADIO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com