Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description

UR5HCSPI-06 Datasheet(PDF) 5 Page - Semtech Corporation

Part No. UR5HCSPI-06
Description  Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMTECH [Semtech Corporation]
Homepage  http://www.semtech.com
Logo 
 
 5 page
background image
PIN DESCRIPTIONS, (CON’T)
WINDOWS CE® KEYBOARD
Copyright Semtech 1997-2001
DOC5-SPI-06-DS-103
www.semtech.com
5
C12, C13 and GIO0
The SPICoderTM 06 offers pins C12,
C13 and GIO0. C12 and C13 are
used as additional column pins in
order to accommodate larger-size
keyboards, such as the Fujitsu
FKB1406 palmtop keyboard. GIO0
is a programmable input/output
switch; it can also be used as a
wake-up signal. The programming
of the GIO0 is explained on page 8
of this document.
XSW
The XSW pin is dedicated to an
external switch. This pin is handled
differently than the rest of the switch
matrix and is intended to be
connected to a switch physically
located on the outside of the unit.
SW0
The SW0 pin is a dedicated input
pin for a switch.
PWR_OK
The PWR_OK is an active low pin
that monitors the battery status of
the unit. When the UR5HCSPI-06
detects a transition from high to low
on this pin, it will immediately enter
the STOP mode, turn the LED off
and remain in this state until the
batteries of the unit are replaced
and the signal is deasserted.
The following illustration shows a typical implementation of a Windows CE®
keyboard.
Windows CE® does not support the following keyboard keys typically found
on desktop and laptop keyboards:
INSERT
SCROLL LOCK
PAUSE
NUM LOCK
Function Keys (F1-F12)
PRINT SCREEN
If the keyboard implements the Windows key, the following key
combinations are supported in the Windows CE® environment:
Key Combination
Result
Windows
Open Start Menu
Windows+K
Open Keyboard Tool
Windows+I
Open Stylus Tool
Windows+C
Open Control Panel
Windows+E
Explore the H/PC
Windows+R
Display the Run Dialog Box
Windows+H
Open Windows CE® Help
Ctrl+Windows+A
Select all on desktop
1 !
esc
3 #
2 @
5 %
4 $
7 &
6 ^
9 (
8 *
-
_
0 )
E
W
T
R
U
Y
O
I
P
Q
F
D
H
G
K
J
L
S
A
V
C
N
B
M
X
Z
tab
shift
ctrl
shift
enter
= +
\ |
' "
; :
. >
, <
/ ?
`
~
] }
[ {
power
alt




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UR5HCSPI-FBZero-PowerTM Keyboard Encoder & Power Management IC for H/PCs 1 2 3 4 5 MoreSemtech Corporation
UR5HCFJLZero-PowerTM Keyboard Encoder for Portable Systems 1 2 3 4 5 MoreSemtech Corporation
TPS65022POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65013POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
AT73C213Power Management for Mobiles PM / Audio Interface for Portable Handsets 1 2 3 4 5 MoreATMEL Corporation
BH6038KNPower Management for Cellular Phone 1 2 3 4 5 MoreRohm
TPS65520POWER MANAGEMENT IC FOR DIGITAL STILL CAMERA 1 2 3 4 5 MoreTexas Instruments
AT73C203Power Management IC for Datacom Platforms 1 2 3 ATMEL Corporation
AT73C202Power Management for Mobiles PM 1 2 3 ATMEL Corporation
MIMD10ADUAL PRE-BIASED TRANSISTORS FOR POWER MANAGEMENT 1 2 3 Diodes Incorporated

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2016    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl