Part Name
         Description
UR5HCSPI-06

 Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs ( 20 Page)


SEMTECH
100% 
Zoom Out Zoom In
 
 4 page
background image
Copyright Semtech 1997-2000
DOC5-SPI-06-DS-103
www.semtech.com
4
PIN DESCRIPTIONS
VCC and VSS
VCC and VSS are the power
supply and ground pins. The
UR5HCSPI-06 will operate from a
3-5 Volt power supply. To prevent
noise problems, provide bypass
capacitors and place them as
close as possible to the IC with the
power supply. VX, where available,
should be tied to Vcc.
OSCI and OSCO
OSCI and OSCO provide the input
and output connections for the on-
chip oscillator. The oscillator can
be driven by any of the following
circuits:
- Crystal
- Ceramic Resonator
- External Clock Signal
The frequency of the on-chip
oscillator is 2 MHz.
_RESET
A logic zero on the _RESET pin will
force the UR5HCSPI-06 into a
known start-up state. The reset
signal can be supplied by any of
the following circuits:
- RC
- Voltage monitor
- Master system reset
MOSI, MISO, SCK, _SS, _ATN
These five signals implement the
SPI interface. The device acts as a
slave on the SPI bus. The _SS
(Slave Select) pin should be tied to
ground if not used by the SPI
master. The _ATN pin is asserted
low each time the UR5HCSPI-06
has a packet ready for delivery.
For a more detailed description,
refer to the SPI Communication
Channel section on page 9.
_IOTEST and _WKU
“Input Output Test” and “Wake Up”
pins control the stop mode exit of
the device. The designer can
connect any number of active low
signals to these two pins through a
17K resistor, in order to force the
device to exit the stop mode. A
sample circuit is shown on page 15
of this document.
All the signals are “wire-anded.”
When any one of these signals is
not active, it should be floating
(i.e., these signals should be
driven from “open-collector” or
“open-drain” outputs). Other
configurations are possible;
contact Semtech.
R0-R 7
The R0-R7 pins are connected to
the rows of the scanned matrix.
Each pin provides an internal pull-
up resistor, eliminating the need for
external components.
C0-C9
C0 to C9 are bi-directional pins
connected to the columns of the
scanned matrix. When a column is
selected, the pin outputs an active
low signal. When the column is
de-selected, the pin turns into
high-impedance.
C10/WUKO
The C10/WUKO pin acts
alternatively as column scan output
and as an input. As an input, the
pin detects the “Wake-Up Keys
Only” signal, typically provided by
the host CPU to indicate that the
user has turned the unit off. When
the device detects an active high
state on this pin, it feeds this
information into the “Keyboard
State Control” unit, in order to
disable the keyboard and enable
the programmed wake-up keys.
C11/_LID
The C11/_LID pin acts in a similar
manner to the C10/WUKO. This pin
is typically connected to the LID
latch through a 150K resistor, in
order to detect physical closing of
the device cover. When the pin
detects an active low state in this
input, it feeds this information into
the “Keyboard State Control” unit,
in order to disable keys inside the
case and enable only switches
located physically on the outer
body of the H/PC unit.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UR5HCSPI-FBZero-PowerTM Keyboard Encoder & Power Management IC for H/PCs 1 2 3 4 5 MoreSemtech Corporation
UR5HCFJLZero-PowerTM Keyboard Encoder for Portable Systems 1 2 3 4 5 MoreSemtech Corporation
TPS65022POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
TPS65013POWER AND BATTERY MANAGEMENT IC FOR Li-ION POWERED SYSTEMS 1 2 3 4 5 MoreTexas Instruments
AT73C213Power Management for Mobiles PM / Audio Interface for Portable Handsets 1 2 3 4 5 MoreATMEL Corporation
BH6038KNPower Management for Cellular Phone 1 2 3 4 5 MoreRohm
TPS65520POWER MANAGEMENT IC FOR DIGITAL STILL CAMERA 1 2 3 4 5 MoreTexas Instruments
AT73C203Power Management IC for Datacom Platforms 1 2 3 ATMEL Corporation
AT73C202Power Management for Mobiles PM 1 2 3 ATMEL Corporation
MIMD10ADUAL PRE-BIASED TRANSISTORS FOR POWER MANAGEMENT 1 2 3 Diodes Incorporated

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl