Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUT121G Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SUT121G
Description  Dual NPN Bipolar transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SUT121G Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SUT121G Datasheet HTML 1Page - KODENSHI_AUK CORP. SUT121G Datasheet HTML 2Page - KODENSHI_AUK CORP. SUT121G Datasheet HTML 3Page - KODENSHI_AUK CORP. SUT121G Datasheet HTML 4Page - KODENSHI_AUK CORP. SUT121G Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-T7K003-000
1
SUT121G
Dual NPN Bipolar transistor
Descriptions
• General purpose amplifier
Recommended for LED Drive Application
Features
• Thermally Enhanced Power PKG
• Low saturation: VCE(sat)= 0.5V Max
• 2 NPN chips in TESOP-8 Package
Ordering Information
Type NO.
Marking
Package Code
SUT121G
SUT121
TESOP-8
: Year & Week Code
Absolute maximum ratings(TR1, TR2)
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
120
V
Collector-Emitter voltage
VCEO
120
V
Emitter-Base voltage
VEBO
6
V
IC
1
A(DC)
Collector current
ICP*
2
A(Pulse)
0.75
W/TOTAL
PC(Ta=25°C) **
0.55
W/ELEMENT
Collector power dissipation
PC(Tc=25°C)
7.5
W/TOTAL
Junction temperature
TJ
150
°C
Storage temperature
Tstg
-55~150
°C
* :
Single pulse, tp= 300 ㎲
** :
Each terminal mounted on a recommended solder land
Electrical Characteristics(TR1, TR2)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=100μA, IE=0
120
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=1mA, IB=0
120
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=100μA, IC=0
6
-
-
V
Collector cut-off current
ICBO
VCB=120V, IE=0
-
-
0.1
Emitter cut-off current
IEBO
VEB=4V, IC=0
-
-
0.1
DC current gain
hFE
1)
VCE=5V, IC= 30
200
-
400
-
Collector-Emitter saturation voltage
VCE(sat)
IC=500mA, IB=50mA
-
-
0.5
V
Base-Emitter saturation voltage
VBE(sat)
IC=500mA, IB=50mA
-
-
1.2
V
Transition frequency
fT
VCE=5V, IC= 50
-
170
-
Collector output capacitance
Cob
VCB=10V, IE=0, f=1
-
10
-
Note 1) hFE Rank : 200~400 only
TESOP-8


Similar Part No. - SUT121G

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SUT101N KODENSHI-SUT101N Datasheet
399Kb / 6P
   Epitaxial planar PNP/NPN silicon transistor
SUT161G KODENSHI-SUT161G Datasheet
410Kb / 5P
   Dual NPN Bipolar transistor
More results

Similar Description - SUT121G

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SUT041N KODENSHI-SUT041N Datasheet
402Kb / 6P
   Dual NPN Bipolar transistor
SUT041G KODENSHI-SUT041G Datasheet
397Kb / 5P
   Dual NPN Bipolar transistor
SUT041 KODENSHI-SUT041 Datasheet
417Kb / 5P
   Dual NPN Bipolar transistor
SUT041C KODENSHI-SUT041C Datasheet
419Kb / 5P
   Dual NPN Bipolar transistor
SUT061G KODENSHI-SUT061G Datasheet
373Kb / 5P
   Dual NPN Bipolar transistor
SUT161G KODENSHI-SUT161G Datasheet
410Kb / 5P
   Dual NPN Bipolar transistor
SUT465N KODENSHI-SUT465N Datasheet
339Kb / 6P
   Dual NPNPNP complementary Bipolar transistor
SUT290 KODENSHI-SUT290 Datasheet
332Kb / 6P
   Dual NPN-PNP complementary Bipolar transistor
logo
STMicroelectronics
STS01DTP06 STMICROELECTRONICS-STS01DTP06_06 Datasheet
306Kb / 11P
   Dual NPN-PNP complementary Bipolar transistor
STS01DTP06 STMICROELECTRONICS-STS01DTP06 Datasheet
298Kb / 8P
   DUAL NPN-PNP COMPLEMENTARY BIPOLAR TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com