Part Name
         Description
UR5HCFJL

 Zero-PowerTM Keyboard Encoder for Portable Systems ( 20 Page)


SEMTECH
100% 
Zoom Out Zoom In
 
 3 page
background image
FUNCTIONAL DESCRIPTION
PIN DEFINITIONS
Copyright Semtech, 1997-2001
DOC5-FJL-DS-106
www.semtech.com
3
The GreenCoderTM consists
functionally of seven major sections
(see Functional Diagram, previous
page). These are the Keyboard
Encoder, a 16-Bit Timer, the Mode
Control Unit, the Data Buffer, the
Interrupt Control, the PC Commun-
ication Channel and the 8042
Emulation Channel. All sections
communicate with each other and
operate concurrently.
Mnemonic
DIP
PLCC
QFP
Type
Name and Function
VCC
40
44
38
I
Power Supply: +5V
VSS
20
22
17
I
Ground
OSCI
39
43
37
I
Oscillator input
OSCO
38
42
36
O
Oscillator output
_RESET
1
1
41
I
Reset: apply 0V to provide orderly start-up
EKC1
37
41
35
I
External Keyboard Clock 1:connects
to external keyboard clock line and is used
to generate an interrupt for every clock line
transmission
VX
3
4
43
I
Tie to Vcc
OPT
6
7
2
I
Used for options selection
KC
8
9
4
I/O
Keyboard Clock: connects to PC
keyboard port data line
KD
7
8
3
I/O
Keyboard Data: connects to
PC port data line
EKD
10
11
6
I/O
External Keyboard Data: connect to
external keyboard clock line
EXC
9
10
5
I/O
External Keyboard Clock 1: connects
to external keyboard data line
DRV
2
2
42
I
Wake-up line: used for sleep mode
R0-R5
29-34
32-37
27-32
I
Row Data Inputs
R6
5
6
1
I
R7
36
39
34
I
C0-C4
12-16
13-17
8-12
I/O
Column Select Outputs: select 1 of 16
C5-C7
17-19
19-21
13-15
O
columns
C8-C15
28-21
31-24
26-18
O
CL
11
12
7
O
Caps Lock LED
NL
4
5
44
O
Num Lock LED
SL
35
38
33
O
Scroll Lock LED
NC
3,18
39-40
No Connects: these pins are unused
23,40
16,22
Note: An underscore before a pin mnemonic denotes an active low signal.
KEYBOARD ENCODER
The encoder scans a keyboard
organized as an 8 row by 16 column
matrix for a maximum of 128 keys.
Smaller-size keyboards are support-
ed provided that all unused row
lines are pulled to Vcc. When
active, the encoder selects 1 of the
16 column lines (C0-C15) every 512
µS and then reads the row data
lines (R0-R7). A key closure is
detected as a 0 in the
corresponding position of the matrix.
A complete scan cycle for the entire
keyboard takes approximately 9.2
mS. Each key found pressed is
debounced for a period of 20 mS.
Once the key is verified, the
corresponding key code(s) are
loaded into the transmit buffer of the
PC keyboard communication
channel.
Scan Code Table Sets
The UR5HCFJL supports all three
scan code table sets. Scan Code
Table Set 3 allows the user to
program individual key attributes
such as Make/Break and Typematic
or Single-Touch Action. For more
information, refer to the IBM Tech-
nical Reference Manuals. Custom
scan code tables, including macros,
are also available.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UR5HCFJ8Low-Power Keyboard Encoder for Portable Systems 1 2 3 4 5 MoreSemtech Corporation
UR5HCSPI-06Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs 1 2 3 4 5 MoreSemtech Corporation
UR5HCSPI-FBZero-PowerTM Keyboard Encoder & Power Management IC for H/PCs 1 2 3 4 5 MoreSemtech Corporation
UPB1511TB800 MHz INPUT DIVIDE BY 2 4 PRESCALER IC FOR PORTABLE SYSTEMS 1 2 3 4 5 MoreNEC
LC89585CD Encoder LSI for CD-R Systems 1 2 3 4 5 MoreSanyo Semicon Device
TRF7900AFully Integrated Analog Front-End Dual Receiver Base Unit for 27-MHz Wireless Mouse and Keyboard Systems 1 2 3 Texas Instruments
ICS149317Clock Synthesizer for Portable Systems 1 2 3 4 5 MoreIntegrated Circuit Systems
HT6547CKEYBOARD ENCODER FOR WINDOWS95 1 2 3 4 5 MoreHoltek Semiconductor Inc
HIP9021Portable Battery Drive/Torque Controller for N-Channel MOSFETs in Motor Control Systems 1 2 3 4 5 MoreIntersil Corporation
UPB1509GV1GHz INPUT DIVIDE BY 2 4 8 PRESCALER IC FOR PORTABLE SYSTEMS 1 2 3 4 5 MoreNEC

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl