Part Name
         Description
UR5HCFJL

 Zero-PowerTM Keyboard Encoder for Portable Systems ( 20 Page)


SEMTECH
100% 
Zoom Out Zoom In
 
 2 page
background image
FUNCTIONAL DIAGRAM
ORDERING CODE
Copyright Semtech, 1997-2001
DOC5-FJL-DS-106
www.semtech.com
2
XX = 16 for FKB7136,06 for FKB1406 matrix compatibility
Data Buffer
Interrupt Control
PC
Communication
Channel
8042 Emulation
(External Keyboard)
Communication
Channel
EKC1
KC
KD
EKC
EKD
Keyboard Encoder
Mode Control
Status LEDs
Row Data Inputs
Column Select
Ouputs
NL/CL/SL
3
8
16
DRV
16-Bit Timer
C0-C15
R0-R7
Package options
40-pin Plastic DIP
44-pin, Plastic PLCC
44-pin, Plastic QFP
Pitch In mm’s
2 54 mm
1.27 mm
0.8 mm
TA = -40°C to +85°C
UR5HCFJL-XX-P
UR5HCFJL-XX-FN
UR5HCFJL-XX-FB



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UR5HCFJ8Low-Power Keyboard Encoder for Portable Systems 1 2 3 4 5 MoreSemtech Corporation
UR5HCSPI-06Zero-PowerTM Keyboard Encoder & Power Management IC for H/PCs 1 2 3 4 5 MoreSemtech Corporation
UR5HCSPI-FBZero-PowerTM Keyboard Encoder & Power Management IC for H/PCs 1 2 3 4 5 MoreSemtech Corporation
UPB1511TB800 MHz INPUT DIVIDE BY 2 4 PRESCALER IC FOR PORTABLE SYSTEMS 1 2 3 4 5 MoreNEC
LC89585CD Encoder LSI for CD-R Systems 1 2 3 4 5 MoreSanyo Semicon Device
TRF7900AFully Integrated Analog Front-End Dual Receiver Base Unit for 27-MHz Wireless Mouse and Keyboard Systems 1 2 3 Texas Instruments
ICS149317Clock Synthesizer for Portable Systems 1 2 3 4 5 MoreIntegrated Circuit Systems
HT6547CKEYBOARD ENCODER FOR WINDOWS95 1 2 3 4 5 MoreHoltek Semiconductor Inc
HIP9021Portable Battery Drive/Torque Controller for N-Channel MOSFETs in Motor Control Systems 1 2 3 4 5 MoreIntersil Corporation
UPB1509GV1GHz INPUT DIVIDE BY 2 4 8 PRESCALER IC FOR PORTABLE SYSTEMS 1 2 3 4 5 MoreNEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl