Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUT093N Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SUT093N
Description  Epitaxial planar NPN silicon transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SUT093N Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SUT093N Datasheet HTML 1Page - KODENSHI_AUK CORP. SUT093N Datasheet HTML 2Page - KODENSHI_AUK CORP. SUT093N Datasheet HTML 3Page - KODENSHI_AUK CORP. SUT093N Datasheet HTML 4Page - KODENSHI_AUK CORP. SUT093N Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KSD-T5P008-000
2
Absolute maximum ratings(TR1, TR2)
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
100
V
Collector-Emitter voltage
VCEO
90
V
Emitter-Base voltage
VEBO
6
V
IC
0.3
A(DC)
Collector current
ICP*
0.6
A(Pulse)
Collector power dissipation
PC**
0.5
W
Junction temperature
TJ
150
°C
Storage temperature
Tstg
-55~150
°C
* :
Single pulse, tp= 300 ㎲
** : Total rating(Each terminal mounted on a recommended solder land)
Electrical Characteristics(TR1, TR2)
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=100μA, IE=0
100
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=1 , IB=0
90
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=10 , IC=0
6
-
-
V
Collector cut-off current
ICBO
VCB=100V, IE=0
-
-
0.1
Emitter cut-off current
IEBO
VEB=4V, IC=0
-
-
0.1
DC current gain
hFE
1)
VCE=5V, IC=10
80
-
250
-
VCE(sat)(1)
2)
IC=10 , IB=1
-
-
0.2
V
Collector-Emitter saturation voltage
VCE(sat)(2)
2)
IC=50 , IB=5
-
-
0.5
V
VBE(sat)(1)
2)
IC=10mA, IB=1mA
-
-
1
V
Base-Emitter saturation voltage
VBE(sat)(2)
2)
IC=50mA, IB=5mA
-
-
1
V
Transition frequency
fT
VCE=10V, IC=10
100
-
400
Collector output capacitance
Cob
VCB=10V, IE=0, f=1
-
4
-
* Note 1) hFE Rank / A : 80~150, B : 130~250
* Note 2) Pulse Tester : Pulse Width ≤300
μs, Duty Cycle ≤2.0%
SUT093N


Similar Part No. - SUT093N

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SUT041 KODENSHI-SUT041 Datasheet
417Kb / 5P
   Dual NPN Bipolar transistor
SUT041C KODENSHI-SUT041C Datasheet
419Kb / 5P
   Dual NPN Bipolar transistor
SUT041C KODENSHI-SUT041C Datasheet
419Kb / 5P
   General purpose amplifier
SUT041G KODENSHI-SUT041G Datasheet
397Kb / 5P
   Dual NPN Bipolar transistor
SUT041N KODENSHI-SUT041N Datasheet
402Kb / 6P
   Dual NPN Bipolar transistor
More results

Similar Description - SUT093N

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com