Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUR546J Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SUR546J
Description  Epitaxial planar PNP silicon transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SUR546J Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SUR546J Datasheet HTML 1Page - KODENSHI_AUK CORP. SUR546J Datasheet HTML 2Page - KODENSHI_AUK CORP. SUR546J Datasheet HTML 3Page - KODENSHI_AUK CORP. SUR546J Datasheet HTML 4Page - KODENSHI_AUK CORP. SUR546J Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KSD-R5S013-001
2
Electrical Characteristics [ Tr1,Tr2]
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Output cut-off current
IO(OFF)
VO=-50V, VI=0
-
-
-500
nA
DC current gain
GI
VO=-5V, IO=-10mA
70
120
-
-
Output voltage
VO(ON)
IO=-10mA, II=-0.5mA
-
-0.1
-0.3
V
Input voltage (ON)
VI(ON)
VO=-0.2V, IO=-5mA
-
-2.1
-3.0
V
Input voltage (OFF)
VI(OFF)
VO=-5V, IO=-0.1mA
-1.0
-1.2
-
V
Transition frequency
fT
*
VO=-10V, IO=-5mA, f=1MHz
-
200
-
MHz
Input current
II
VI=-5V, IO=0
-
-
-0.36
mA
Input resistor (Input to base)
R1
-
15.4
22
28.6
Input resistor (Base to common)
R2
-
15.4
22
28.6
* : Characteristic of transistor only
SUR546J


Similar Part No. - SUR546J

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR546J AUK-SUR546J Datasheet
229Kb / 3P
   Epitaxial planar PNP silicon transistor
More results

Similar Description - SUR546J

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com