Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUR536H Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SUR536H
Description  Epitaxial planar PNP silicon transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SUR536H Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SUR536H Datasheet HTML 1Page - KODENSHI_AUK CORP. SUR536H Datasheet HTML 2Page - KODENSHI_AUK CORP. SUR536H Datasheet HTML 3Page - KODENSHI_AUK CORP. SUR536H Datasheet HTML 4Page - KODENSHI_AUK CORP. SUR536H Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
KSD-R5R019-001
1
SUR536H
Epitaxial planar PNP silicon transistor
Description
• Dual chip digital transistor
Features
• Two SRA2210 chips in SOT-353 package
• Simplify circuit design
• Reduce a quantity of parts and manufacturing process
Ordering Information
Type NO.
Marking
Package Code
SUR536H
36H
SOT-353
: Year & Week Code
Equivalent circuit & PIN Connections
Absolute Maximum Ratings [Tr1,Tr2]
(Ta=25
°C)
Characteristic
Symbol
Rating
Unit
Output voltage
VO
-50
V
Input voltage
VI
-20, 5
V
Output current
IO
-100
mA
Power dissipation
PD
200
mW
Junction temperature
TJ
150
°C
Storage temperature range
Tstg
-55 ~ 150
°C
: Total rating
R1
4.7K
Ω
4.7K
Ω
Tr1
Tr2
PIN Connections
1. IN 1
2. COMMON 1,2
3. IN 2
4. OUT 2
5. OUT 1
• Equivalent Circuit
Package : SOT-353
45
Tr2
Tr1
R1
R1


Similar Part No. - SUR536H

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR536H AUK-SUR536H Datasheet
223Kb / 3P
   Epitaxial planar PNP silicon transistor
More results

Similar Description - SUR536H

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com