Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUR511EF Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # SUR511EF
Description  Epitaxial planar NPN/PNP silicon transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SUR511EF Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  SUR511EF Datasheet HTML 1Page - KODENSHI_AUK CORP. SUR511EF Datasheet HTML 2Page - KODENSHI_AUK CORP. SUR511EF Datasheet HTML 3Page - KODENSHI_AUK CORP. SUR511EF Datasheet HTML 4Page - KODENSHI_AUK CORP. SUR511EF Datasheet HTML 5Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KSD-R5U005-001
2
SUR511EF
Electrical Characteristics [Tr1]
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Output cut-off current
IO(OFF)
VO=50V, VI=0
-
-
500
nA
DC current gain
GI
VO=5V, IO=10mA
50
80
-
-
Output voltage
VO(ON)
IO=10mA, II=0.5mA
-
0.1
0.3
V
Input voltage (ON)
VI(ON)
VO=0.2V, IO=5mA
-
1.8
2.4
V
Input voltage (OFF)
VI(OFF)
VO=5V, IO=0.1mA
1.0
1.2
-
V
Transition frequency
fT
*
VO=10V, IO=5mA, f=1MHz
-
200
-
MHz
Input current
II
VI=5V, IO=0
-
-
0.88
mA
Input resistor (Input to base)
R1
-
7
10
13
Input resistor (Base to common)
R2
-
7
10
13
* : Characteristic of transistor only
Electrical Characteristics [Tr2]
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Output cut-off current
IO(OFF)
VO=-50V, VI=0
-
-
-500
nA
DC current gain
GI
VO=-5V, IO=-10mA
50
80
-
-
Output voltage
VO(ON)
IO=-10mA, II=-0.5mA
-
-0.1
-0.3
V
Input voltage (ON)
VI(ON)
VO=-0.2V, IO=-5mA
-
-1.8
-2.4
V
Input voltage (OFF)
VI(OFF)
VO=-5V, IO=-0.1mA
-1.0
-1.2
-
V
Transition frequency
fT
*
VO=-10V, IO=-5mA, f=1MHz
-
200
-
MHz
Input current
II
VI=-5V, IO=0
-
-
-0.88
mA
Input resistor (Input to base)
R1
-
7
10
13
Input resistor (Base to common)
R2
-
7
10
13
* : Characteristic of transistor only


Similar Part No. - SUR511EF

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR511EF AUK-SUR511EF Datasheet
82Kb / 3P
   NPN/PNP Epitaxial Planar Silicon Transistor
More results

Similar Description - SUR511EF

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR481H AUK-SUR481H Datasheet
69Kb / 3P
   NPN/PNP epitaxial planar Silicon Transistor
SUR491J AUK-SUR491J Datasheet
74Kb / 3P
   NPN/PNP Epitaxial Planar Silicon Transistor
SUR511EF AUK-SUR511EF Datasheet
82Kb / 3P
   NPN/PNP Epitaxial Planar Silicon Transistor
SUR551H AUK-SUR551H Datasheet
82Kb / 3P
   NPN/PNP epitaxial planar Silicon Transistor
SUT464M AUK-SUT464M Datasheet
273Kb / 5P
   NPN/PNP Epitaxial Planar Silicon Transistor
logo
KODENSHI_AUK CORP.
SUR481H KODENSHI-SUR481H Datasheet
307Kb / 5P
   Epitaxial planar NPN/PNP silicon transistor
SUR501J KODENSHI-SUR501J Datasheet
333Kb / 5P
   Epitaxial planar NPN/PNP silicon transistor
logo
Seme LAB
BCU86 SEME-LAB-BCU86 Datasheet
123Kb / 6P
   NPN/PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
KODENSHI_AUK CORP.
SUR481H KODENSHI-SUR481H Datasheet
307Kb / 5P
   Epitaxial planar NPN/PNP silicon transistor
SUR496H KODENSHI-SUR496H Datasheet
317Kb / 5P
   Epitaxial planar NPN/PNP silicon transistor
SUT575EF KODENSHI-SUT575EF Datasheet
345Kb / 6P
   Epitaxial planar NPN/PNP silicon transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com