Electronic Components Datasheet Search |
|
RA07M2127M Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor |
|
RA07M2127M Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor |
1 / 9 page Silicon RF Power Semiconductors RA07M2127M RoHS Compliance ,215-270MHz 7W 7.2V, 2Stage Amp. For PORTABLE RADIO RA07M2127M 30 Jun 2010 1/9 ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS DESCRIPTION The RA07M2127M is a 7-watt RF MOSFET Amplifier Module for 7.2-volt portable radios that operate in the 215- to 270-MHz range. The battery can be connected directly to the drain of the enhancement-mode MOSFET transistors. Without the gate voltage (VGG=0V), only a small leakage current flows into the drain and the RF input signal attenuates up to 60 dB. The output power and drain current increase as the gate voltage increases. With a gate voltage around 2.5V (minimum), output power and drain current increases substantially. The nominal output power becomes available at 3V (typical) and 3.5V (maximum). At VGG=3.5V, the typical gate current is 1 mA. This module is designed for non-linear FM modulation, but may also be used for linear modulation by setting the drain quiescent current with the gate voltage and controlling the output power with the input power. FEATURES • Enhancement-Mode MOSFET Transistors (IDD≅0 @ VDD=7.2V, VGG=0V) • Pout>7W @ VDD=7.2V, VGG=3.5V, Pin=20mW • η T>45% @ Pout=6.5W (VGG control), VDD=7.2V, Pin=20mW • Broadband Frequency Range: 215-270MHz • Low-Power Control Current IGG=1mA (typ) at VGG=3.5V • Module Size: 30 x 10 x 5.4 mm • Linear operation is possible by setting the quiescent drain current with the gate voltage and controlling the output power with the input power RoHS COMPLIANCE • RA07M2127M-101 is a RoHS compliant products. • RoHS compliance is indicate by the letter “G” after the Lot Marking. • This product include the lead in the Glass of electronic parts and the lead in electronic Ceramic parts. How ever,it applicable to the following exceptions of RoHS Directions. 1.Lead in the Glass of a cathode-ray tube, electronic parts, and fluorescent tubes. 2.Lead in electronic Ceramic parts. ORDERING INFORMATION: ORDER NUMBER SUPPLY FORM RA07M2127M-101 Antistatic tray, 50 modules/tray BLOCK DIAGRAM 1 RF Input (Pin) 2 Gate Voltage (VGG), Power Control 3 Drain Voltage (VDD), Battery 4 RF Output (Pout) 5 RF Ground (Case) 3 2 4 1 5 PACKAGE CODE: H46S |
Similar Part No. - RA07M2127M_10 |
|
Similar Description - RA07M2127M_10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |