Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGFX39V0717 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MGFX39V0717
Description  10.7-11.7 GHz BAND / 8W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MGFX39V0717 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MGFX39V0717_11 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGFX39V0717_11 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGFX39V0717_11 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Publication Date : Apr., 2011
1
< X/Ku band internally matched power GaAs FET >
MGFX39V0717
10.7 – 11.7 GHz BAND / 8W
DESCRIPTION
The MGFX39V0717 is an internally impedance-matched
GaAs power FET especially designed for use in 10.7 – 11.7
GHz band amplifiers. The hermetically sealed metal-ceramic
package guarantees high reliability.
FEATURES
Internally impedance matched
 High output power
P1dB=8.0W (TYP.) @f=10.7 – 11.7GHz
 High linear power gain
GLP=7.0dB (TYP.) @f=10.7 – 11.7GHz
 High power added efficiency
P.A.E.=26% (TYP.) @f=10.7 – 11.7GHz
APPLICATION
 For use in 10.7 – 11.7 GHz band power amplifiers
QUALITY
 IG
RECOMMENDED BIAS CONDITIONS
 VDS=10V  ID=2.4A Refer to Bias Procedure
Absolute maximum ratings (Ta=25C)
Symbol
Parameter
Ratings
Unit
VGDO
Gate to drain breakdown voltage
-15
V
VGSO
Gate to source breakdown voltage
-15
V
ID
Drain current
5.6
A
IGR
Reverse gate current
-18
mA
IGF
Forward gate current
36
mA
PT *1
Total power dissipation
42.8
W
Tch
Cannel temperature
175
C
Tstg
Storage temperature
-65 to +175
C
*1 : Tc=25
C
Electrical characteristics (Ta=25C)
Symbol
Parameter
Test conditions
Limits
Unit
Min.
Typ.
Max.
IDSS
Saturated drain current
VDS=3V,VGS=0V
-
4
5.6
A
gm
Transconductance
VDS=3V,ID=2.2A
-
2
-
S
VGS(off)
Gate to source cut-off voltage
VDS=3V,ID=20mA
-2
-3
-4
V
P1dB
Output power at 1dB gain compression
37.5
39
-
dBm
GLP
Linear Power Gain
6
7
-
dB
P.A.E.
Power added efficiency
-
26
-
%
Rth(ch-c) *2
Thermal resistance
VDS=10V,ID(RF off)=2.4A
f=10.7 – 11.7GHz
-
-
3.5
C/W
*2 :Channel-case
Keep Safety first in your circuit designs!
Mitsubishi Electric Corporation puts the maximum
effort into making semiconductor products better
and more reliable , but there is always the
possibility that trouble may occur with them.
Trouble with semiconductors may lead to personal
injury , fire or property damage. Remember to give
due consideration to safety when making your
circuit designs , with appropriate measure such
as (I) placement of substitutive , auxiliary circuits ,
(ii) use of non-flammable material or (iii) prevention
against any malfunction or mishap.


Similar Part No. - MGFX39V0717_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFX39V0717 MITSUBISHI-MGFX39V0717 Datasheet
92Kb / 2P
   10.7 - 11.7GHz BAND 8W INTERNALLY MATCHD GaAs FET
More results

Similar Description - MGFX39V0717_11

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGFX36V0717 MITSUBISHI-MGFX36V0717_11 Datasheet
126Kb / 3P
   10.7-11.7 GHz BAND / 4W
MGFX39V0717 MITSUBISHI-MGFX39V0717 Datasheet
92Kb / 2P
   10.7 - 11.7GHz BAND 8W INTERNALLY MATCHD GaAs FET
logo
Excelics Semiconductor,...
EIC1011-12 EXCELICS-EIC1011-12 Datasheet
101Kb / 2P
   10.7-11.7 GHz 12-Watt Internally Matched Power FET
logo
Mimix Broadband
500A MIMIX-500A Datasheet
183Kb / 1P
   Units operate over the full 10.7-11.7 GHz frequency range
logo
Mitsubishi Electric Sem...
MGFK39V4045 MITSUBISHI-MGFK39V4045_11 Datasheet
102Kb / 2P
   14.0-14.5 GHz BAND / 8W
logo
Qorvo, Inc
TGA2760-SM QORVO-TGA2760-SM Datasheet
1Mb / 16P
   10 ??11.7 GHz Power Amplifier
B, May 2020
logo
Tyco Electronics
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003 Datasheet
207Kb / 4P
   Amplifier, Power, 2W 7.1-11.7 GHz
logo
WJ Communication. Inc.
AP513 WJCI-AP513 Datasheet
311Kb / 5P
   DCS-band 8W HBT Amplifier Module
logo
Transcom, Inc.
TA099-107-41-40 TRANSCOM-TA099-107-41-40 Datasheet
17Kb / 1P
   9.9 - 10.7 GHz 10W Amplifier
TA053-059-41-38 TRANSCOM-TA053-059-41-38 Datasheet
31Kb / 1P
   5.3 - 5.9 GHz 8W Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com