Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UZ1086G-XX-TN3-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UZ1086G-XX-TN3-R
Description  1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UZ1086G-XX-TN3-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UZ1086G-XX-TN3-R Datasheet HTML 1Page - Unisonic Technologies UZ1086G-XX-TN3-R Datasheet HTML 2Page - Unisonic Technologies UZ1086G-XX-TN3-R Datasheet HTML 3Page - Unisonic Technologies UZ1086G-XX-TN3-R Datasheet HTML 4Page - Unisonic Technologies UZ1086G-XX-TN3-R Datasheet HTML 5Page - Unisonic Technologies UZ1086G-XX-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UZ1086
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R102-008,J
TYPICAL CHARACTERISTICS
00.3
0.6
0.9
1.2
0
0.5
0.6
0.7
0.8
0.9
Figure 1.Dropout Voltage vs.Output Current
Output Current (A)
1.5
1.0
1.1
1.2
1.3
1.4
1.5
-75
-25
25
75
125
-50
-0.1
0
-0.05
50
Figure 2. Load Regulation vs.Temperature
Junction Temperature(°C)
175
0
100
0.0
5
150
0.1
-
0.15
-0.2
I=1A
-75
-25
25
75
125
-50
1.22
0
1.225
50
Figure 3.Reference Votage vs.Temperature
Junction Temperature(°C)
175
1.23
100
1.235
150
1.25
1.21
1.2
1.205
1.215
1.245
1.24
-75
-25
25
75
125
-50
3.4
0
3.45
50
Figure 4.Output Voltage vs.Temperature
Junction Temperature(°C)
175
3.5
100
3.55
150
3.7
3.3
3.2
3.25
3.35
3.65
3.6
VOUT SET WITH 1% RESISTORS
VOUT =3.6V
VOUT =3.3V
UZ1086 adjustable Only
-75
-25
25
75
125
-50
2
050
Figure 5.Minimum Load Current vs.Temperature
Junction Temperature(°C)
175
3
100
150
5
1
0
4
-75
-25
25
75
125
-50
40
0
50
50
Figure 6.Adjust Pin Current vs.Temperature
Junction Temperature(°C)
175
60
100
70
150
100
20
0
10
30
90
80
Note1.UZ1086 Only


Similar Part No. - UZ1086G-XX-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086G-XX-TN3-R UTC-UZ1086G-XX-TN3-R Datasheet
239Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - UZ1086G-XX-TN3-R

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1086 FAIRCHILD-FAN1086 Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1086 UTC-UZ1086_12 Datasheet
239Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com