Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UZ1086-XX-TQ2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UZ1086-XX-TQ2-R
Description  1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UZ1086-XX-TQ2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UZ1086-XX-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UZ1086-XX-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UZ1086-XX-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UZ1086-XX-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UZ1086-XX-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UZ1086-XX-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UZ1086
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R102-008,J
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
7.5
V
Junction Temperature
TJ
+125
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-252
12
°C/W
TO-220
4
°C/W
TO-263
4
°C/W
Junction to Case
SOT-223
θJC
15
°C/W
ELECTRICAL CHARACTERISTICS (VIN≤7V, TJ=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN. TYP. MAX. UNIT
Reference Voltage
VREF
*
1.5V≤ (VIN-VOUT ) ≤5.75V
10mA≤IOUT≤1A
1.225 1.25 1.275
V
UZ1086-1.8
*
3.3V≤VIN≤7V
1.764 1.80 1.836
V
UZ1086-2.5
*
4V≤VIN≤7V
2.450 2.50 2.550
V
UZ1086-2.85
*
4.35V≤VIN≤7V
2.793 2.85 2.907
V
UZ1086-3.3
*
4.8V≤VIN≤7V
3.234 3.30 3.366
V
Output Voltage
UZ1086-5.0
VOUT
10mA≤IOUT≤1A
6.5V≤VIN≤7V
4.900 5.00 5.100
V
Line Regulation (Note1,2)
ΔVOUT
*(VOUT+1.5V) ≤VIN≤7V,IOUT=10mA
0.005 0.2
%
Load Regulation (Note1,2)
ΔVOUT
*VIN-VOUT=2V, 10mA≤IOUT≤1A
0.05
0.5
%
Dropout Voltage
VD
*IOUT=1.5A
1.30 1.50
V
Current Limit
ILIMIT
*VIN-VOUT=2V
1.6
2
A
Adjust Pin Current
Iadj
*
35
120
μA
Adjust Pin Current Change
ΔIadj
*
1.5V≤ (VIN - VOUT ) ≤5.75V,
10mA≤IOUT≤1A
0.2
5
μA
Minimum Load Current
Io(min)
* 1.5V≤ (VIN -VOUT) ≤5.75V
10
mA
Quiescent Current
IQ
*VIN =VOUT+1.25V
4
13
mA
Ripple Rejection
RR
f=120Hz, COUT=22μF, Tantalum
VIN -VOUT=3V, IOUT=1.5A
60
72
dB
Thermal Regulation
Ta=25°C, 30ms pulse
0.004 0.02 %/W
Temperature Stability
ΔVOUT
*
0.5
%
Long-Term Stability
ΔVOUT
Ta=125°C, 1000hrs
0.03
1.0
%
RMS Output Noise
VOUT
Ta=25°C, 10Hz≤f≤10kHz
0.003
%
Thermal shutdown
Junction Temperature
155
°C
Thermal Shutdown Hysteresis
10
°C
Note:
* stand for specifications which apply over the designed operating temperature range.
1. See thermal regulation specifications for changes in output voltage due to heating effects. Load and line
regulation are measured at a constant junction temperature by low duty cycle pulse testing.
2. Line and load regulation are guaranteed up to the maximum power dissipation. Power dissipation is
determined by input/output differential and the output current. Guaranteed maximum output power will not
be available over the full input/output voltage range.


Similar Part No. - UZ1086-XX-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
UZ1086 UTC-UZ1086 Datasheet
239Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ1086G-XX-AA3-R UTC-UZ1086G-XX-AA3-R Datasheet
239Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1086G-XX-TA3-T UTC-UZ1086G-XX-TA3-T Datasheet
239Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - UZ1086-XX-TQ2-R

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1086 FAIRCHILD-FAN1086 Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1086 UTC-UZ1086_12 Datasheet
239Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com