Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UZ2085G-XX-TN3-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UZ2085G-XX-TN3-R
Description  3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UZ2085G-XX-TN3-R Datasheet(HTML) 6 Page - Unisonic Technologies

  UZ2085G-XX-TN3-R Datasheet HTML 1Page - Unisonic Technologies UZ2085G-XX-TN3-R Datasheet HTML 2Page - Unisonic Technologies UZ2085G-XX-TN3-R Datasheet HTML 3Page - Unisonic Technologies UZ2085G-XX-TN3-R Datasheet HTML 4Page - Unisonic Technologies UZ2085G-XX-TN3-R Datasheet HTML 5Page - Unisonic Technologies UZ2085G-XX-TN3-R Datasheet HTML 6Page - Unisonic Technologies UZ2085G-XX-TN3-R Datasheet HTML 7Page - Unisonic Technologies UZ2085G-XX-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UZ2085
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R102-043.C
TYPICAL CHARACTERISTICS
0
Short-Circuit Current vs. △V
0
V
1
23
4
5
6
7
8
1
2
3
4
5
6
7
30
20
90
10
100
10
1k
10k
80
70
60
50
40
0
100k
Frequency (Hz)
Ripple Rejection vs. Frequency
T=25℃


Similar Part No. - UZ2085G-XX-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ2085G-XX-TN3-R UTC-UZ2085G-XX-TN3-R Datasheet
290Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085G-XX-TN3-R UTC-UZ2085G-XX-TN3-R Datasheet
310Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - UZ2085G-XX-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_11 Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1587A FAIRCHILD-FAN1587A Datasheet
70Kb / 14P
   3A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085_12 Datasheet
290Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_16 Datasheet
234Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_V01 Datasheet
310Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085A UTC-UZ2085A Datasheet
216Kb / 5P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1582_0311 FAIRCHILD-FAN1582_0311 Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com