Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UZ1084G-XX-TF3-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UZ1084G-XX-TF3-T
Description  5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UZ1084G-XX-TF3-T Datasheet(HTML) 5 Page - Unisonic Technologies

  UZ1084G-XX-TF3-T Datasheet HTML 1Page - Unisonic Technologies UZ1084G-XX-TF3-T Datasheet HTML 2Page - Unisonic Technologies UZ1084G-XX-TF3-T Datasheet HTML 3Page - Unisonic Technologies UZ1084G-XX-TF3-T Datasheet HTML 4Page - Unisonic Technologies UZ1084G-XX-TF3-T Datasheet HTML 5Page - Unisonic Technologies UZ1084G-XX-TF3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UZ1084
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R102-010,J
TYPICAL CHARACTERISTICS
Temperature (°С)
040
Output Voltage v.s. Temperature
20
60
80
3.38
3.20
3.36
3.34
3.32
3.30
3.28
3.26
3.24
3.22
3.40
-40 -20
100 120
VOUT=3.3V
Temperature (°С)
0
40
20
60
80
2
4
3
-40 -20
100 120
Quiescent Current v.s. Temperature
5
6
7
8
Output Current, IOUT (A)
0
1
3
Dropout Voltage vs. Output Current
2
45
T=25°С
T=125°С
T=-25°С
Temperature (°С)
040
Short-Circuit Current v.s. Temperature
20
60
80
4
6
5
8
-40 -20
100 120
Temperature (°С)
040
20
60
80
10
30
20
-40 -20
100 120
Adjust Pin Current v.s. Temperature
40
50
60
70
7
Temperature (°С)
040
20
60 80
1
3
2
-40 -20
100 120
Minimum Load Current v.s. Temperature
4
5
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
1.9
2.0


Similar Part No. - UZ1084G-XX-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1084G-XX-TF3-T UTC-UZ1084G-XX-TF3-T Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1084G-XX-TF3-T UTC-UZ1084G-XX-TF3-T Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - UZ1084G-XX-TF3-T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A_05 Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com