Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRC1210EF Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SRC1210EF
Description  NPN Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SRC1210EF Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SRC1210EF Datasheet HTML 1Page - KODENSHI_AUK CORP. SRC1210EF Datasheet HTML 2Page - KODENSHI_AUK CORP. SRC1210EF Datasheet HTML 3Page - KODENSHI_AUK CORP. SRC1210EF Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-R5E016-000
1
SRC1210EF
NPN Silicon Transistor
PIN Connection
Descriptions
• Switching application
• Interface circuit and driver circuit application
Features
• With built-in bias resistor
• Simplify circuit design
• Reduce a quantity of parts and
manufacturing process
• High packing density
Ordering Information
Type NO.
Marking
Package Code
SRC1210EF
RA □
① ②
SOT-523F
Device Code ②Year&Week Code
Absolute Maximum Ratings
(Ta=25
°C)
Characteristic
Symbol
Rating
Unit
Output voltage
VO
50
V
Input voltage
VI
20, -5
V
Output current
IO
100
mA
Power dissipation
PD
150
mW
Junction temperature
TJ
150
°C
Storage temperature range
Tstg
-55 ~ 150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Output cut-off current
IO(OFF)
VO=50V, VI=0
-
-
500
nA
DC current gain
GI
VO=5V, IO=10mA
120
-
-
-
Output voltage
VO(ON)
IO=10mA, II=0.5mA
-
0.1
0.3
V
Input voltage (ON)
VI(ON)
VO=0.2V, IO=5mA
-
0.8
1.2
V
Input voltage (OFF)
VI(OFF)
VO=5V, IO=0.1mA
0.3
0.55
-
V
Transition frequency
fT*
VO=10V, IO=5mA, f=1MHz
-
200
-
MHz
Input current
II
VI=5V, IO=0
-
-
1.8
mA
Input resistor (Input to base)
R1
-
3.3
4.7
6.1
* : Characteristic of transistor only
R1
IN
COMMON
OUT
R1 = 4.7KΩ
IN
COMMON
OUT


Similar Part No. - SRC1210EF

ManufacturerPart #DatasheetDescription
logo
AUK corp
SRC1210EF AUK-SRC1210EF Datasheet
46Kb / 2P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
SRC1210EF KODENSHI-SRC1210EF Datasheet
251Kb / 4P
   Switching application
More results

Similar Description - SRC1210EF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
   NPN Silicon Transistor, Planar Silicon Transistor
logo
STMicroelectronics
MJE521 STMICROELECTRONICS-MJE521 Datasheet
61Kb / 4P
   SILICON NPN TRANSISTOR
logo
Seme LAB
BFT33A SEME-LAB-BFT33A Datasheet
21Kb / 2P
   NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
CMPT5551 CENTRAL-CMPT5551 Datasheet
78Kb / 2P
   NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A Datasheet
94Kb / 2P
   NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
   NPN SILICON TRANSISTOR
logo
Sanyo Semicon Device
2SC3486 SANYO-2SC3486 Datasheet
41Kb / 1P
   SILICON NPN TRANSISTOR
logo
NEC
NE685M03 NEC-NE685M03 Datasheet
34Kb / 3P
   NPN SILICON TRANSISTOR
2SD774 NEC-2SD774 Datasheet
161Kb / 3P
   NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
   NPN SILICON TRANSISTOR
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
   NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com