Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UZ1084-XX-TQ2-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UZ1084-XX-TQ2-T
Description  5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UZ1084-XX-TQ2-T Datasheet(HTML) 3 Page - Unisonic Technologies

  UZ1084-XX-TQ2-T Datasheet HTML 1Page - Unisonic Technologies UZ1084-XX-TQ2-T Datasheet HTML 2Page - Unisonic Technologies UZ1084-XX-TQ2-T Datasheet HTML 3Page - Unisonic Technologies UZ1084-XX-TQ2-T Datasheet HTML 4Page - Unisonic Technologies UZ1084-XX-TQ2-T Datasheet HTML 5Page - Unisonic Technologies UZ1084-XX-TQ2-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UZ1084
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R102-010,J
ABSOLUTE MAXIMUM RATINGS (Ta=25°С)
PARAMETER
SYMBOL
RATINGS
UNIT
DC Input Voltage
VIN
15
V
Operating Junction Temperature
TJ
0 ~ +125
°С
Storage Temperature Range
TSTG
-65 ~ 150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-252
112
°C/W
TO-220
54
°C/W
Junction to Ambient
TO-263/TO-263-3
θJA
64
°C/W
TO-252
12
°C/W
TO-220
4
°C/W
Junction to Case
TO-263/TO-263-3
θJC
4
°C/W
ELECTRICAL CHARACTERISTICS
For UZ1084-Adjustable
(Operating Conditions: 4.75≤VIN≤5.25, TJ =25°С unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Reference Voltage
VREF
IOUT=10mA
1.23
1.25
1.27
V
Line Regulation
ΔVOUT lOUT=10mA
0.5
2
%
Load Regulation
ΔVOUT 10mA≤lOUT≤ 5A
0.5
2.5
%
Dropout Voltage
VD
V
REF%=2%, lo=5A
1.5
V
Current Limit
ILIMIT
(VIN-VOUT)=2V
5.5
6.5
A
Adjust Pin Current
Iadj
35
100
μA
Adjust Pin Current Change
ΔIadj
1.5V≤(VIN-VOUT)≤ 5.75V, 10mA≤lOUT≤5A
5
μA
Minimum Load Current
IO(min)
1.5V≤(VIN-VOUT)≤5.75V
5
10
mA
Thermal shutdown
150
°C
For UZ1084-xx (Fixed Voltage)
(Operating Conditions: 1.5V≤ (VIN-VOUT) ≤5.75V,TJ=25°С unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP MAX UNIT
1%
1.485
1.5
1.515
V
UZ1084-15 lOUT=10mA
2%
1.470
1.5
1.530
V
1%
1.782
1.8
1.818
V
UZ1084-18 lOUT=10mA
2%
1.764
1.8
1.836
V
1%
2.475
2.5
2.525
V
UZ1084-25 lOUT=10mA
2%
2.450
2.5
2.550
V
1%
3.267
3.3
3.333
V
UZ1084-33 lOUT=10mA
2%
3.234
3.3
3.366
V
1%
4.950
5.0
5.050
V
Output Voltage
VOUT
UZ1084-50 lOUT=10mA
2%
4.900
5.0
5.100
V
Line Regulation
ΔVOUT IOUT=10mA
0.5
2
%
Load Regulation
ΔVOUT 10mA≤lOUT≤5A
0.5
2.5
%
Dropout Voltage
VD
V
REF%=2%, lOUT=5A
1.5
V
Current Limit
ILIMIT
(VIN-VOUT)=2V
5.5
6.5
A
Minimum Load Current
ΔIadj
1.5V≤ (VIN-VOUT) ≤5.75V
5
10
mA
Quiescent Current
IQ
VIN=12V
10
13
mA
Thermal shutdown
150
°C


Similar Part No. - UZ1084-XX-TQ2-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1084-XX-TQ2-A-R UTC-UZ1084-XX-TQ2-A-R Datasheet
65Kb / 6P
   LINEAR INTEGRATED CIRCUIT
UZ1084-XX-TQ2-A-T UTC-UZ1084-XX-TQ2-A-T Datasheet
65Kb / 6P
   LINEAR INTEGRATED CIRCUIT
More results

Similar Description - UZ1084-XX-TQ2-T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585 FAIRCHILD-RC1585 Datasheet
96Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_12 Datasheet
209Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A_05 Datasheet
122Kb / 13P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1084 UTC-UZ1084_V01 Datasheet
231Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com