Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT8803 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UT8803
Description  PIR INFRARED REMOTE CONTROL CIRCUIT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT8803 Datasheet(HTML) 5 Page - Unisonic Technologies

  UT8803 Datasheet HTML 1Page - Unisonic Technologies UT8803 Datasheet HTML 2Page - Unisonic Technologies UT8803 Datasheet HTML 3Page - Unisonic Technologies UT8803 Datasheet HTML 4Page - Unisonic Technologies UT8803 Datasheet HTML 5Page - Unisonic Technologies UT8803 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UT8803
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-094,B
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Power Supply VDD with Repect to VSS
VDD - VSS
5.6
V
Voltage on any Pin
-0.3 ~ 5.6
V
Operating Temperature
TOPR
-20 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITONS
MIN
TYP
MAX
UNIT
Power Supply Voltage
VDD
5.0±
10%
V
Keep Current
IDD
VDD=5V
1
mA
Reference Voltage
VREF
3.1±
0.3V
V
Reference Voltage Output Current
IREF
200
μA
Gain of OP Amp
60
dB
TRIAC Sink Current
ISINK(TRIAC)
15
mA
TRIAC Source Current
ITSOURCE(TRIAC)
50
μA
RELAY Source Current
ISOURCE(RELAY)
5
mA
RELAY Sink Current
ISINK(RELAY)
5
mA


Similar Part No. - UT8803

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT8803G-D16-T UTC-UT8803G-D16-T Datasheet
209Kb / 6P
   PIR INFRARED REMOTE CONTROL CIRCUIT
UT8803L-D16-T UTC-UT8803L-D16-T Datasheet
209Kb / 6P
   PIR INFRARED REMOTE CONTROL CIRCUIT
UT8803 UTC-UT8803_15 Datasheet
209Kb / 6P
   PIR INFRARED REMOTE CONTROL CIRCUIT
More results

Similar Description - UT8803

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U8803 UTC-U8803 Datasheet
74Kb / 7P
   PIR INFRARED REMOTE CONTROL CIRCUIT
M3000 UTC-M3000 Datasheet
179Kb / 6P
   PIR INFRARED REMOTE CONTROL CIRCUIT
M3000 UTC-M3000_15 Datasheet
179Kb / 6P
   PIR INFRARED REMOTE CONTROL CIRCUIT
UT8803 UTC-UT8803_15 Datasheet
209Kb / 6P
   PIR INFRARED REMOTE CONTROL CIRCUIT
logo
SHENZHEN FUMAN ELECTRON...
TC8889B FUMAN-TC8889B Datasheet
607Kb / 12P
   Infrared remote control transmitting circuit
logo
NTE Electronics
NTE1761 NTE-NTE1761 Datasheet
26Kb / 3P
   Integrated Circuit Infrared Remote Control Preamp
logo
SHENZHEN FUMAN ELECTRON...
TC8886B FUMAN-TC8886B Datasheet
621Kb / 12P
   24Pin infrared remote control transmitting circuit
logo
List of Unclassifed Man...
M7613 ETC1-M7613 Datasheet
68Kb / 7P
   DC PIR CONTROLLER WITH REMOTE CONTROL
logo
SparkFun Electronics
COM-11759 SPARKFUN-COM-11759 Datasheet
203Kb / 1P
   Infrared Remote Control
8/4/2016
COM-14865 SPARKFUN-COM-14865 Datasheet
826Kb / 3P
   Infrared Remote Control
8????8
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com