Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UT71XXG-T92-C-K Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UT71XXG-T92-C-K
Description  THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT71XXG-T92-C-K Datasheet(HTML) 5 Page - Unisonic Technologies

  UT71XXG-T92-C-K Datasheet HTML 1Page - Unisonic Technologies UT71XXG-T92-C-K Datasheet HTML 2Page - Unisonic Technologies UT71XXG-T92-C-K Datasheet HTML 3Page - Unisonic Technologies UT71XXG-T92-C-K Datasheet HTML 4Page - Unisonic Technologies UT71XXG-T92-C-K Datasheet HTML 5Page - Unisonic Technologies UT71XXG-T92-C-K Datasheet HTML 6Page - Unisonic Technologies UT71XXG-T92-C-K Datasheet HTML 7Page - Unisonic Technologies UT71XXG-T92-C-K Datasheet HTML 8Page - Unisonic Technologies UT71XXG-T92-C-K Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UT71XX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R502-017.Ha
ELECTRICAL CHARACTRISTICS(Cont.)
FOR UT7125
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=4.5V, IOUT=10mA
2.440
2.5
2.560
V
Input Voltage
VIN
24
V
Load Regulation
V
OUT
VIN=4.5V,1mA≤IOUT≤20mA
60
100
mV
Voltage Dropout
VD
IOUT=1mA
60
mV
Output Current
IOUT
VIN=4.5V
20
30
mA
Current Consumption
ISS
VIN=4.5V, No load
4
6.0
μA
Line Regulation
V
OUT
VIN×VOUT
3.5V≤VIN≤24V, IOUT=0.5mA
0.2
%/V
Temperature Coefficient
V
OUT
Ta
VIN=4.5V, IOUT=10mA
0°C<Ta<70°C
±0.35
mV/℃
FOR UT7127
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=4.7V, IOUT=10mA
2.635
2.7
2.765
V
Input Voltage
VIN
24
V
Load Regulation
V
OUT
VIN=4.7V,1mA≤IOUT≤20mA
60
100
mV
Voltage Dropout
VD
IOUT=1mA
60
mV
Output Current
IOUT
VIN=4.7V
20
30
mA
Current Consumption
ISS
VIN=4.7V, No load
4
6.0
μA
Line Regulation
V
OUT
VIN ×VOUT
3.7V≤VIN≤24V, IOUT=0.5mA
0.2
%/V
Temperature Coefficient
V
OUT
Ta
VIN=4.7V, IOUT=10mA
0°C<Ta<70°C
±0.4
mV/℃
FOR UT7128
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=4.8V, IOUT=10mA
2.732
2.8
2.867
V
Input Voltage
VIN
24
V
Load Regulation
V
OUT
VIN=4.8V,1mA≤IOUT≤20mA
60
100
mV
Voltage Dropout
VD
IOUT=1mA
60
mV
Output Current
IOUT
VIN=4.8V
20
30
-
mA
Current Consumption
ISS
VIN=4.8V, No load
4
6.0
μA
Line Regulation
V
OUT
VIN×VOUT
3.8V≤VIN≤24V, IOUT=1mA
0.2
%/V
Temperature Coefficient
V
OUT
Ta
VIN=4.8V, IOUT=10mA
0°C<Ta<70°C
±0.4
mV/℃
FOR UT7130
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output Voltage
VOUT
VIN=5V, IOUT=10mA
2.928
3.0
3.072
V
Input Voltage
VIN
24
V
Load Regulation
V
OUT
VIN=5V, 1mA≤IOUT≤20mA
60
100
mV
Voltage Dropout
VD
IOUT=1mA
60
mV
Output Current
IOUT
VIN=5V
20
30
-
mA
Current Consumption
ISS
VIN=5V, No load
4
6.0
μA
Line Regulation
V
OUT
VIN×VOUT
4V≤VIN≤24V, IOUT=1mA
0.2
%/V
Temperature Coefficient
V
OUT
Ta
VIN=5V, IOUT=10mA
0°C<Ta<70°C
±0.45
mV/℃


Similar Part No. - UT71XXG-T92-C-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT71XX UTC-UT71XX Datasheet
181Kb / 8P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UT71XX ETL-UT71XX Datasheet
240Kb / 8P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
logo
Unisonic Technologies
UT71XX UTC-UT71XX Datasheet
289Kb / 8P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT71XX-AB3-C-R UTC-UT71XX-AB3-C-R Datasheet
181Kb / 8P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT71XX-T92-B-B UTC-UT71XX-T92-B-B Datasheet
181Kb / 8P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
More results

Similar Description - UT71XXG-T92-C-K

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT71XX UTC-UT71XX_16 Datasheet
289Kb / 8P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT1018 UTC-UT1018_13 Datasheet
258Kb / 10P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT7115 UTC-UT7115 Datasheet
239Kb / 9P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UT71XX ETL-UT71XX Datasheet
240Kb / 8P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT10XX ETL-UT10XX Datasheet
252Kb / 10P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
logo
Unisonic Technologies
HT10XX UTC-HT10XX Datasheet
118Kb / 8P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT71XX UTC-UT71XX Datasheet
181Kb / 8P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT10XX UTC-UT10XX_14 Datasheet
245Kb / 9P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
UT10XX UTC-UT10XX_11 Datasheet
239Kb / 10P
   THREE-TERMINAL LOW POWER VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC28L05F MCC-MC28L05F Datasheet
502Kb / 4P
   Three-terminal Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com