Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK1901 Datasheet(PDF) 6 Page - Semtech Corporation

Part # SK1901
Description  1:9 Signal Distribution?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SK1901 Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SK1901 Datasheet HTML 2Page - Semtech Corporation SK1901 Datasheet HTML 3Page - Semtech Corporation SK1901 Datasheet HTML 4Page - Semtech Corporation SK1901 Datasheet HTML 5Page - Semtech Corporation SK1901 Datasheet HTML 6Page - Semtech Corporation SK1901 Datasheet HTML 7Page - Semtech Corporation SK1901 Datasheet HTML 8Page - Semtech Corporation SK1901 Datasheet HTML 9Page - Semtech Corporation SK1901 Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Revision 1/January 23, 2001
HIGH-PER.ORMANCE PRODUCTS
6
www.semtech.com
PRELIMINARY
SK1900
1:9 Signal Distribution
Description
.eatures
Pin Description
Package Information
The SK1900 is an extremely fast, stable, and accurate
low skew 1:9 clock / signal distributor featuring a
synchronous enable, which allows the outputs to be
turned off and on without the risk of an unpredictable
output pulse. The D - flip-flop is triggered on the falling
edge of the clock.
The SK1900 uses standard open emitter ECL outputs
optimized for:
• General purpose ECL compatible applications
• Multiple destination applications (daisy
chain).
.unctional Block Diagram
1:9 Clock/Data Driver
3 GHz Fmax
3.3V / 5.2V Compatible
IN
IN*
CLK
CLK*
SEL*
SEL
OUT0
OUT0*
OUT1
OUT1*
OUT2
OUT2*
OUT3
OUT3*
OUT4
OUT4*
OUT5
OUT5*
OUT6
OUT6*
OUT7
OUT7*
OUT8
OUT8*
D
D*
Q
Q*
0
1
VEE
SEL
SEL*
CLK
CLK*
IN
IN*
VCC
VCC
OUT3*
OUT3
OUT4
OUT4*
OUT5*
OUT5
VEE
32 pin, 5 mm x 5 mm
TQFP Package
OUT
OUT*
VCC
Output Options
Open Emitter
Output Swing
VCC
VEE
1.3V
3.3V
or
5.2V
700 mV


Similar Part No. - SK1901

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
SK1901 UTC-SK1901 Datasheet
235Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
SK1901 UTC-SK1901 Datasheet
196Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
SK1901 UTC-SK1901 Datasheet
222Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
SK1901-AE3-4-R UTC-SK1901-AE3-4-R Datasheet
235Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
SK1901-G03-D-K UTC-SK1901-G03-D-K Datasheet
235Kb / 8P
   HALL-EFFECT SWITCH FOR HIGH-TEMPERATURE OPERATION
More results

Similar Description - SK1901

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SK1500 SEMTECH-SK1500 Datasheet
721Kb / 30P
   1:5 Signal Distribution
logo
Motorola, Inc
MPC947 MOTOROLA-MPC947 Datasheet
97Kb / 6P
   LOW VOLTAGE 1:9 CLOCK DISTRIBUTION CHIP
logo
Cypress Semiconductor
B9947 CYPRESS-B9947 Datasheet
57Kb / 5P
   3.3V, 160-MHz, 1:9 Clock Distribution Buffer
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641 Datasheet
138Kb / 8P
   SINGLE SUPPLY PECL-TTL 1:9 CLOCK DISTRIBUTION CHIP
1996 REV 3
logo
Cypress Semiconductor
CY29947 CYPRESS-CY29947 Datasheet
103Kb / 7P
   2.5V or 3.3V, 200-MHz, 1:9 Clock Distribution Buffer
logo
ON Semiconductor
MC10H641 ONSEMI-MC10H641_06 Datasheet
137Kb / 10P
   Single Supply PECL to TTL 1:9 Clock Distribution Chip
November, 2006 ??Rev.7
logo
DAICO Industries, Inc.
CHD09122 DAICO-CHD09122 Datasheet
48Kb / 1P
   Output Signal Distribution Unit
logo
Integrated Device Techn...
8P73S674 IDT-8P73S674 Datasheet
281Kb / 15P
   Clock signal division and distribution
8V79S674 IDT-8V79S674 Datasheet
420Kb / 21P
   Clock signal division and distribution
logo
Renesas Technology Corp
MC100ES6226 RENESAS-MC100ES6226 Datasheet
566Kb / 10P
   2.5v/3.3v Differential LVPECL 1:9 Clock Distribution Buffer and Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com